Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2018A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA2018A
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2018A Datasheet(HTML) 5 Page - STMicroelectronics

  TEA2018A Datasheet HTML 1Page - STMicroelectronics TEA2018A Datasheet HTML 2Page - STMicroelectronics TEA2018A Datasheet HTML 3Page - STMicroelectronics TEA2018A Datasheet HTML 4Page - STMicroelectronics TEA2018A Datasheet HTML 5Page - STMicroelectronics TEA2018A Datasheet HTML 6Page - STMicroelectronics TEA2018A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
3
TEA2018A
R
B
R e
I
B
I
C
t
t
I
C
I
B
0
0
COLLECTOR
CURRENT
BIAS
CURRENT
I
C
I
B
R e
R
B
I
C
t
on(min)
Figure 2
E
+
V CC
+
Vo
Is
V CC
1k
50
µA
V ref
DISCH.
OSC.
GND
Ic
V CC
-
1k
V
L = 0.33 V
CC
th
V
H = 0.66 V
CC
th
1k
V CC
Vd + 0.1V
SCHEMATICS OF INPUTS AND OUTPUTS
TEA2018A
5/7


Similar Part No. - TEA2018A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
TEA2015ASP STMICROELECTRONICS-TEA2015ASP Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
More results

Similar Description - TEA2018A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
[Old version datasheet]   SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com