Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP3E337 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TP3E337
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3E337 Datasheet(HTML) 5 Page - Vishay Siliconix

  TP3E337 Datasheet HTML 1Page - Vishay Siliconix TP3E337 Datasheet HTML 2Page - Vishay Siliconix TP3E337 Datasheet HTML 3Page - Vishay Siliconix TP3E337 Datasheet HTML 4Page - Vishay Siliconix TP3E337 Datasheet HTML 5Page - Vishay Siliconix TP3E337 Datasheet HTML 6Page - Vishay Siliconix TP3E337 Datasheet HTML 7Page - Vishay Siliconix TP3E337 Datasheet HTML 8Page - Vishay Siliconix TP3E337 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TP3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
Vishay Sprague
Document Number: 40116
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 04-Jun-08
57
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
10
A
TP3A106(1)010(2)3400AS
1.0
6
3.400
0.15
10
A
TP3A106(1)010(2)2000AS
1.0
6
2.000
0.19
10
B
TP3B106(1)010(2)2500AS
1.0
6
2.500
0.18
10
C
TP3C106(1)010(2)1800AS
1.0
6
1.800
0.25
10
C
TP3C106(1)010(2)0550AS
1.0
6
0.550
0.45
15
A
TP3A156(1)010(2)2900AS
1.5
6
2.900
0.16
15
A
TP3A156(1)010(2)2000AS
1.5
6
2.000
0.19
15
B
TP3B156(1)010(2)2000AS
1.5
6
2.000
0.21
15
B
TP3B156(1)010(2)0700AS
1.5
6
0.700
0.35
15
C
TP3C156(1)010(2)1800AS
1.5
6
1.800
0.25
15
C
TP3C156(1)010(2)0500AS
1.5
6
0.500
0.47
22
A
TP3A226(1)010(2)2500AS
2.2
8
2.500
0.17
22
A
TP3A226(1)010(2)1500AS
2.2
8
1.500
0.22
22
B
TP3B226(1)010(2)1900AS
2.2
6
1.900
0.21
22
B
TP3B226(1)010(2)0700AS
2.2
6
0.700
0.35
22
C
TP3C226(1)010(2)1500AS
2.2
6
1.500
0.27
22
C
TP3C226(1)010(2)0345AS
2.2
6
0.345
0.56
33
B
TP3B336(1)010(2)1900AS
3.3
6
1.900
0.21
33
B
TP3B336(1)010(2)1500AS
3.3
6
1.500
0.24
33
B
TP3B336(1)010(2)0600AS
3.3
6
0.600
0.38
33
C
TP3C336(1)010(2)1400AS
3.3
6
1.400
0.28
33
C
TP3C336(1)010(2)0300AS
3.3
6
0.300
0.61
33
D
TP3D336(1)010(2)0800AS
3.3
6
0.800
0.43
33
D
TP3D336(1)010(2)0250AS
3.3
6
0.250
0.77
47
B
TP3B476(1)010(2)1800AS
4.7
6
1.800
0.22
47
B
TP3B476(1)010(2)0600AS
4.7
6
0.600
0.38
47
C
TP3C476(1)010(2)1100AS
4.7
6
1.100
0.32
47
C
TP3C476(1)010(2)0300AS
4.7
6
0.300
0.61
47
D
TP3D476(1)010(2)0700AS
4.7
6
0.700
0.46
47
D
TP3D476(1)010(2)0200AS
4.7
6
0.200
0.87
68
C
TP3C686(1)010(2)1000AS
6.8
6
1.000
0.33
68
C
TP3C686(1)010(2)0275AS
6.8
6
0.275
0.63
68
D
TP3D686(1)010(2)0700AS
6.8
6
0.700
0.46
68
D
TP3D686(1)010(2)0150AS
6.8
6
0.150
1.00
100
C
TP3C107(1)010(2)0900AS
10.0
8
0.900
0.35
100
C
TP3C107(1)010(2)0200AS
10.0
8
0.200
0.74
100
D
TP3D107(1)010(2)0600AS
10.0
8
0.600
0.50
100
D
TP3D107(1)010(2)0100AS
10.0
8
0.100
1.22
150
D
TP3D157(1)010(2)0600AS
15.0
8
0.600
0.50
150
D
TP3D157(1)010(2)0100AS
15.0
8
0.100
1.22
150
E
TP3E157(1)010(2)0500AS
15.0
8
0.500
0.57
150
E
TP3E157(1)010(2)0100AS
15.0
8
0.100
1.28
220
D
TP3D227(1)010(2)0600AS
22.0
8
0.600
0.50
220
D
TP3D227(1)010(2)0125AS
22.0
8
0.125
1.10
220
E
TP3E227(1)010(2)0500AS
22.0
8
0.500
0.57
220
E
TP3E227(1)010(2)0100AS
22.0
8
0.100
1.28
330
E
TP3E337(1)010(2)0500AS
33.0
10
0.500
0.57
Notes
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TP3E337

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3E337K6R3C0100AS VISHAY-TP3E337K6R3C0100AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3E337K6R3C0500AS VISHAY-TP3E337K6R3C0500AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Similar Description - TP3E337

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com