Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA2025 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TEA2025
Description  STEREO AUDIO AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2025 Datasheet(HTML) 5 Page - STMicroelectronics

  TEA2025 Datasheet HTML 1Page - STMicroelectronics TEA2025 Datasheet HTML 2Page - STMicroelectronics TEA2025 Datasheet HTML 3Page - STMicroelectronics TEA2025 Datasheet HTML 4Page - STMicroelectronics TEA2025 Datasheet HTML 5Page - STMicroelectronics TEA2025 Datasheet HTML 6Page - STMicroelectronics TEA2025 Datasheet HTML 7Page - STMicroelectronics TEA2025 Datasheet HTML 8Page - STMicroelectronics TEA2025 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APPLICATION INFORMATION
Input Capacitor
Input capacitor is PNP type allowing source to be
referenced to ground.
In this way no input coupling capacitor is required.
However, a series capacitor (0.22 uF)to the input
side can be useful in case of noise due to variable
resistor contact.
Bootstrap
The bootstrap connection allows to increase the
output swing.
The suggested value for the bootstrap capacitors
(100uF) avoids a reduction of the output signal
also at low frequencies and low supply voltages.
Voltage Gain Adjust
STEREO MODE
The voltage gain is determined by on-chip resis-
tors R1 and R2 together with the external RfC1
series connected between pin 6 (11) and ground.
The frequency response is given approximated
by:
VOUT
VIN
=
R1
Rf
+ R2 +
1
JWC1
With Rf=0, C1=100 uF, the gain results 46 dB
with pole at f=32 Hz.
THE purpose of Rf is to reduce the gain. It is rec-
ommended to not reduce it under 36 dB.
BRIDGE MODE
The bridge configuration is realized very easily
thanks to an internal voltage divider which pro-
vides (at pin 1) the CH 1 output signal after reduc-
tion. It is enough to connect pin 6 (inverting input
of CH 2) with a capacitor to pin 1 and to connect
to ground the pin 7.
The total gain of the bridge is given by:
VOUT
VIN
=
R1
Rf
+R2 +
1
JWC1
(1+
R3
R4
R1
R2
+R4+
1
JWC1
)
and with the suggested values (C1 = C2 = 100
µF,
Rf= 0) means:
Gv = 52 dB
with first pole at f = 32 Hz
Output Capacitors.
The low cut off frequency due to output capacitor
depending on the load is given by:
FL
=
1
2
ΠCOUT • RL
with COUT 470
µF and RL = 4 ohm it means FL =
80 Hz.
Pop Noise
Most amplifiers similar to TEA 2025B need exter-
nal resistors between DC outputs and ground in
order to optimize the pop on/off performance and
crossover distortion.
The TEA 2025B solution allows to save compo-
nents because of such resistors (800 ohm)are in-
cluded into the chip.
Figure 7
Figure 8
Figure 9
TEA2025B - TEA2025D
5/9


Similar Part No. - TEA2025

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA2025 UTC-TEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
TEA2025 UTC-TEA2025 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025-D16-T UTC-TEA2025-D16-T Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

Similar Description - TEA2025

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com