Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S595TR Datasheet(PDF) 5 Page - Vishay Siliconix

Part # S595TR
Description  MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S595TR Datasheet(HTML) 5 Page - Vishay Siliconix

  S595TR Datasheet HTML 1Page - Vishay Siliconix S595TR Datasheet HTML 2Page - Vishay Siliconix S595TR Datasheet HTML 3Page - Vishay Siliconix S595TR Datasheet HTML 4Page - Vishay Siliconix S595TR Datasheet HTML 5Page - Vishay Siliconix S595TR Datasheet HTML 6Page - Vishay Siliconix S595TR Datasheet HTML 7Page - Vishay Siliconix S595TR Datasheet HTML 8Page - Vishay Siliconix S595TR Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
S595T / S595TR / S595TRW
Document Number 85049
Rev. 1.7, 08-Sep-08
Vishay Semiconductors
www.vishay.com
5
Figure 7. Transducer Gain vs. Gate 2 Source Voltage
Figure 8. Cross Modulation vs. Gate 2 Source Voltage
-60
-50
-40
-30
-20
-10
10
20
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VG2S – Gate 2 Source Voltage(V)
13636
VDS =5V
f = 800 MHz
0
10
20
30
40
50
60
70
80
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VG2S – Gate 2 Source Voltage(V)
13637
VDS =5V
f = 800 MHz
Pin = -20 dBm


Similar Part No. - S595TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S595TR VISHAY-S595TR Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
S595TRW VISHAY-S595TRW Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
More results

Similar Description - S595TR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S505TX VISHAY-S505TX Datasheet
183Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.2, 29-Apr-05
S593T VISHAY-S593T_08 Datasheet
321Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S594T VISHAY-S594T_08 Datasheet
322Kb / 10P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S505TX VISHAY-S505TX_08 Datasheet
304Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
S595TX VISHAY-S595TX Datasheet
287Kb / 6P
   MOSMIC® for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.3, 05-Sep-08
S504T VISHAY-S504T Datasheet
99Kb / 5P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S594T-GS08 VISHAY-S594T-GS08 Datasheet
323Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 08-Sep-08
S595T VISHAY-S595T Datasheet
203Kb / 10P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 1.6, 02-May-05
S594T VISHAY-S594T Datasheet
155Kb / 9P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
S592T VISHAY-S592T Datasheet
100Kb / 6P
   MOSMIC for TV-Tuner Prestage with 5 V Supply Voltage
Rev. 3, 20-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com