Electronic Components Datasheet Search |
|
XC6205D60BDR Datasheet(PDF) 10 Page - Torex Semiconductor |
|
XC6205D60BDR Datasheet(HTML) 10 Page - Torex Semiconductor |
10 / 49 page 10/49 XC6204/XC6205 Series Ta = 25℃ PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS CIRCUIT Output Voltage (*3) (*7) VOUT(E) IOUT = 30mA ×0.98 VOUT(T) ×1.02 V 1 Maximum Output Current IOUTMAX 150 - - mA 1 Load Regulation VOUT 1mA ≦IOUT≦100mA - 15 50 mV 1 Vdif1 IOUT = 30mA E-1 Dropout Voltage (*4) Vdif2 IOUT = 100mA E-2 mV 1 Supply Current (C series) VIN = VOUT(T)+1.0V, VCE = VSS When VOUT ≦0.95V, VIN = 2.0V 50 80 120 Supply Current (D series) IDD VIN = VOUT(T)+1.0V, VCE = VSS When VOUT ≦0.95V, VIN = 2.0V 40 70 100 μA 2 Standby Current Istby VIN = VCE =VOUT(T)+1.0V When VOUT ≦0.95V, VIN = VCE = 2.0V - 0.01 0.10 μA 2 Line Regulation VOUT VIN ・VOUT VOUT(T)+1.0V ≦VIN≦10V IOUT = 30mA, VCE = VSS When VOUT ≦0.95V, 2.0V≦VIN≦10V - 0.01 0.20 %/V 1 Input Voltage VIN - 2 - 10 V - Output Voltage Temperature Characteristics VOUT Topr ・VOUT IOUT = 30mA -40 ℃≦Topr≦85℃ - 100 - ppm/ ℃ 1 Output Noise en IOUT = 10mA 300Hz~50kHz - 30 - μVrms 3 Ripple Rejection Rate PSRR VIN = {VOUT(T)+1.0}V+1.0Vp-pAC When VOUT ≦1.5V, VIN =2.5V+1.0Vp-pAC IOUT = 50mA, f = 10kHz - 65 - dB 4 Current Limiter Ilim VIN = VOUT(T)+2.0V, VCE = VSS - 300 - mA 1 Short-circuit Current Ishort VIN = VOUT(T)+2.0V, VCE = VSS - 50 - mA 1 CE “High” Voltage VCEH - 1.6 - VIN CE “Low” Voltage VCEL - - - 0.25 V 1 CE “High” Current ICEH VIN = VCE = VOUT(T)+1.0V When VOUT ≦0.95V, VIN = VCE = 2.0V -0.10 - 0.10 CE “Low” Current (C series) VIN = VOUT(T)+1.0V, VCE = VSS When VOUT ≦0.95V, VIN = 2.0V -20.0 - -3.2 CE “Low” Current (D series) ICEL VIN = VOUT(T)+1.0V, VCE = VSS When VOUT ≦0.95V, VIN = 2.0V -0.10 - 0.10 μA 2 ■ELECTRICAL CHARACTERISTICS (Continued) XC6205C, D series NOTE: *1 : Unless otherwise stated, VIN=VOUT(T)+1.0V However, when VOUT ≦0.95V, VIN=2.0V *2 : VOUT(T)=Specified output voltage *3 : VOUT(E)=Effective output voltage (i.e. the output voltage when “VOUT (T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value). *4 : Vdif={VIN1 (*6)-VOUT1(*5)} *5 : VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input. *6 : VIN1=The input voltage when VOUT1 appears as input voltage is gradually decreased. *7 : When VOUT(T) ≦1.45V, MIN. ⇒ VOUT (T)-30mV MAX. ⇒ VOUT (T)+30mV |
Similar Part No. - XC6205D60BDR |
|
Similar Description - XC6205D60BDR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |