Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP-5038SDE-1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TIP-5038SDE-1
Description  15” Infrared Touch Panel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TIP-5038SDE-1 Datasheet(HTML) 4 Page - Vishay Siliconix

  TIP-5038SDE-1 Datasheet HTML 1Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 2Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 3Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 4Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 5Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 6Page - Vishay Siliconix TIP-5038SDE-1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
5
TIP-5038SDE-1
Vishay Dale
Document Number: 37072
Revision 28-Jun-01
COMMAND/RESPONSE DESCRIPTION
DC1, CtI Q, XON Software Handshaking (11)
DC3, CtI S, XOFF Software Handshaking (13)
RS-232 flow control is provided by these commands. Note: A
shunt must be placed on (SOFTHAND) to allow software hand-
shaking. Absence of a shunt requires hardware handshaking.
(See also ENABLE TOUCH PANEL command)
*Enable touch panel (26)
Disable touch panel (stop scanning) (27)
The touch panel must be enabled for normal operation. When
the touch panel is disabled, commands are processed as they
are received, allowing changes in modes of operation, but dis-
carding any report operations. This differs from XON/XOFF
software handshaking. When the touch panel receives an
XOFF character (13), commands are executed until the touch
panel requires transmission of a report, then all commands
received are buffered and are not executed until an XON char-
acter is received. If the buffer becomes full, the touch panel
sends XOFF.
Enable CONTINUOUS/disable TRACKING mode (24)
*Disable CONTINUOUS and TRACKING mode (25)
This coordinate reporting mode will continuously report the
coordinates of a stylus that remains in the touch panel. This
mode can be used individually or in combination with ENTER
point, or EXIT modes. The following report format is used. If
more than one stylus enters the touch panel, a non-contigu-
ous report will be generated.
41 = start of coordinate report
xx yy = binary X and Y, > = 0, X, Y = FE if non-contiguous
Enable ENTER point mode (22)
*Disable ENTER point mode (23)
This coordinate reporting mode will report the coordinates of
the point where a stylus is entered into the touch panel. This
mode can be used individually or in combination with EXIT
point, CONTINUOUS, or TRACKING modes. The following
report format is used. If more than one stylus enters the touch
panel, a non-contiguous report will be generated.
42 = start of enter report
xx yy = binary X and Y, > = 0, X, Y = FE if non-contiguous
Enable EXIT point mode (20)
*Disable EXIT point mode (21)
This coordinate reporting mode will report the coordinate of
the point where a stylus is removed from the touch panel. This
mode can be used individually or in combination with ENTER
point, CONTINUOUS, or TRACKING modes. The following
report format is used. If more than one stylus enters the touch
panel, a non-contiguous report will be generated.
43 = start of exit report
xx yy = binary X and Y, > = 0, X, Y = FE if non-contiguous
Enable TRACKING/disable CONTINUOUS mode (34)
This coordinate reporting mode will report the coordinates of
a stylus that remains in the touch panel, but only as the stylus
changes locations. This mode can be used individually or in
combination with ENTER point, or EXIT modes. The follow-
ing report format is used. If more than one stylus enters the
touch panel, a non-contiguous report will be generated.
4E = start of coordinates report
xx yy = binary X and Y, > = 0, X, Y = FE if non-contiguous
Enable automatic reporting (29)
*Disable automatic reporting (scan but no report) (2A)
Request one coordinate report (2B)
When AUTOMATIC REPORTING is enabled, coordinate re-
ports are reported to the host as soon as they become avail-
able. After issuing the ENABLE AUTOMATIC REPORTING
command, there may be a report in the internal buffer which is
not current. If a sufficient amount of time has passed to allow
this condition, the first coordinate report returned should be
ignored.
When AUTOMATIC REPORTING is disabled, no coordinate
reports are reported unless requested with REQUEST ONE
COORDINATE REPORT. If a stylus is entered into the touch
panel after AUTOMATIC REPORTING is disabled, a coordi-
nate report will be generated and saved in an internal buffer
(depending upon coordinate reporting modes in effect) but will
not be transmitted until a REQUEST ONE COORDINATE
REPORT command is received.
If no coordinate report is available in the internal buffer, the
touch panel will return a code 48 and continue to scan until a
stylus is detected. However, no coordinate report will be re-
ported until AUTOMATIC REPORTING is enabled or the re-
port is requested with REQUEST ONE COORDINATE RE-
PORT.
Coordinate reports are reported with the following format:
Report Type = 41, 42, 43, or 4E
xx yy = binary X and Y, > = 0, X, Y = FE if non-contiguous
Enable Beeper (2D)
*Disable Beeper (2E)
Enabling the beeper sends a logic 0 (active state) to pin 2 of
J4 depending on which of the coordinate reporting modes are
enabled. If the ENTER mode is enabled, a pulse is sent for
every entry point. If the EXIT mode is enabled, a pulse is sent
for every exit point. If both modes are enabled, a pulse is sent
for every entry and exit point. CONTINUOUS and TRACK-
ING modes have no beeper outputs.


Similar Part No. - TIP-5038SDE-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
More results

Similar Description - TIP-5038SDE-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-5038SDE-1 VISHAY-TIP-5038SDE-1_10 Datasheet
177Kb / 7P
   15" Infrared Touch Panel
Revision: 14-Jan-10
TIP-5038SDE VISHAY-TIP-5038SDE Datasheet
115Kb / 7P
   15” Infrared Touch Panel
Revision 28-Jun-01
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1_10 Datasheet
183Kb / 7P
   14" Infrared Touch Panel
Revision: 14-Jan-10
TIP-4735SEE-1 VISHAY-TIP-4735SEE-1 Datasheet
135Kb / 7P
   14” Infrared Touch Panel
Revision 20-Nov-03
TIP-4131SCE-1 VISHAY-TIP-4131SCE-1 Datasheet
93Kb / 7P
   12.1??Infrared Touch Panel
Revision 28-Jun-01
TIP VISHAY-TIP_V01 Datasheet
126Kb / 4P
   Infrared Touch Panel with Controller
01-Jan-2022
logo
DFI Inc
TPC150-SD DFI-TPC150-SD Datasheet
2Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC170-SD DFI-TPC170-SD Datasheet
1Mb / 4P
   15 Heavy Industrial Touch Panel PC
TPC150 DFI-TPC150 Datasheet
3Mb / 4P
   15 Heavy Industrial Touch Panel PC
logo
Protech Systems Co., Lt...
POS-6920-PPC PROTECHSYSTEMS-POS-6920-PPC Datasheet
300Kb / 2P
   The Fanless 15" True Flat Touch Panel PC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com