Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST103SP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST103SP
Description  Inverter Grade Thyristors (Stud Version), 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103SP Datasheet(HTML) 7 Page - Vishay Siliconix

  ST103SP Datasheet HTML 1Page - Vishay Siliconix ST103SP Datasheet HTML 2Page - Vishay Siliconix ST103SP Datasheet HTML 3Page - Vishay Siliconix ST103SP Datasheet HTML 4Page - Vishay Siliconix ST103SP Datasheet HTML 5Page - Vishay Siliconix ST103SP Datasheet HTML 6Page - Vishay Siliconix ST103SP Datasheet HTML 7Page - Vishay Siliconix ST103SP Datasheet HTML 8Page - Vishay Siliconix ST103SP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94365
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 29-Apr-08
7
ST103SP Series
Inverter Grade Thyristors
(Stud Version), 105 A
Vishay High Power Products
Fig. 13 - Frequency Characteristics
Fig. 14 - Maximum On-State Energy Power Loss Characteristics
Fig. 15 - Gate Characteristics
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 60 °C
dI/dt = 100 A/µs
t
p
50 Hz
100
200
400
1000
1500
2500
5000
10 000
10
100
1000
10 000
Pulse Basewidth (µs)
100
1000
10 000
50 Hz
400
2500
100
1500
200
5000
10 000
1000
Snubber circuit
R
s = 22 Ω
C
s = 0.15 µF
V
D = 80 % VDRM
ST103S Series
Trapezoidal pulse
T
C = 85 °C
dI/dt = 100 A/µs
t
p
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
t
p
ST103S Series
Sinusoidal pulse
100 000
0.1
0.2
0.5
2 3
1
5 10
20 joules per pulse
Pulse Basewidth (µs)
10
100
1000
10 000
10
100
1000
10 000
100 000
0.1
0.2
0.5
2 3
1
5 10
20 joules per pulse
t
p
ST103S Series
Rectangular pulse
dI/dt = 50 A/µs
0.1
1
10
100
0.001
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
V
GD
I
GD
(1)
(2)
(3)
Device: ST103S Series
(4)
Frequency limited by P
G(AV)
(a)
(b)
Rectangular gate pulse
a) Recommended load line for
rated di/dt: 20 V, 10
Ω; t
r ≤ 1 µs
b) Recommended load line for
≤ 30 % rated di/dt: 10 V, 10 Ω
t
r ≤ 1 µs
(1) P
GM = 10 W, tp = 20 ms
(2) P
GM = 20 W, tp = 10 ms
(3) P
GM = 40 W, tp = 5 ms
(4) P
GM = 60 W, tp = 3.3 ms


Similar Part No. - ST103SP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST103SP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST103SP VISHAY-VS-ST103SP_V01 Datasheet
179Kb / 10P
   Inverter Grade Thyristors (Stud Version), 105 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com