Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST103S08PFN1P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST103S08PFN1P
Description  Inverter Grade Thyristors (Stud Version), 105 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST103S08PFN1P Datasheet(HTML) 4 Page - Vishay Siliconix

  ST103S08PFN1P Datasheet HTML 1Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 2Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 3Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 4Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 5Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 6Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 7Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 8Page - Vishay Siliconix ST103S08PFN1P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94365
4
Revision: 29-Apr-08
ST103SP Series
Vishay High Power Products Inverter Grade Thyristors
(Stud Version), 105 A
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
ΔR
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.034
0.025
TJ = TJ maximum
K/W
120°
0.040
0.042
90°
0.052
0.056
60°
0.076
0.079
30°
0.126
0.127
110
100
90
80
130
030
60
90
Average On-State Current (A)
10
40
70
20
50
80
120
60°
30°
90° 120°
180°
100 110
ST103S Series
R
thJC (DC) = 0.195 K/W
Ø
Conduction angle
060
120
180
Average On-State Current (A)
20
80
140
40
100
160
30°
60° 90°
120° 180°
110
100
90
70
130
120
80
Ø
Conduction period
DC
ST103S Series
R
thJC (DC) = 0.195 K/W
0
20
40
60
80
100
120
140
160
180
Average On-State Current (A)
030
60
90
10
40
70
20
50
80
100 110
180°
120°
90°
60°
30°
RMS limit
Conduction angle
ST083S Series
T
J = 125 °C
Ø
0
20
40
60
80
100
120
140
160
180
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.2
K/W
0.3
K/W
0.4
K/W
0.5
K/W
0.8
K/W
1.2 K/W


Similar Part No. - ST103S08PFN1P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results

Similar Description - ST103S08PFN1P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST103SP VISHAY-VS-ST103SP_V01 Datasheet
179Kb / 10P
   Inverter Grade Thyristors (Stud Version), 105 A
01-Jan-2022
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
logo
International Rectifier
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST183S IRF-ST183S Datasheet
398Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com