Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDR31BX102BCYP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CDR31BX102BCYP
Description  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR31BX102BCYP Datasheet(HTML) 3 Page - Vishay Siliconix

  CDR31BX102BCYP Datasheet HTML 1Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 2Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 3Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 4Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 5Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 6Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 7Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 8Page - Vishay Siliconix CDR31BX102BCYP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45026
130
Revision: 20-Feb-08
CDR-MIL-PRF-55681
Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
CDR01BX
CDR01BX221B_ _ _
221
220
K, M
BX
100
CDR01BX271BK_ _
271
270
K
BX
100
CDR01BX331B_ _ _
331
330
K, M
BX
100
CDR01BX391BK_ _
391
390
K
BX
100
CDR01BX471B_ _ _
471
470
K, M
BX
100
CDR01BX561BK_ _
561
560
K
BX
100
CDR01BX681B_ _ _
681
680
K, M
BX
100
CDR01BX821BK_ _
821
820
K
BX
100
CDR01BX102B_ _ _
102
1000
K, M
BX
100
CDR01BX122BK_ _
122
1200
K
BX
100
CDR01BX152B_ _ _
152
1500
K, M
BX
100
CDR01BX182BK_ _
182
1800
K
BX
100
CDR01BX222B_ _ _
222
2200
K, M
BX
100
CDR01BX272BK_ _
272
2700
K
BX
100
CDR01BX332B_ _ _
332
3300
K, M
BX
100
CDR01BX392AK_ _
392
3900
K
BX
50
CDR01BX472A_ _ _
472
4700
K, M
BX
50
CDR02BP
CDR02BP221B_ _ _
221
220
J, K
BP
100
CDR02BP271BJ_ _
271
270
J
BP
100
CDR02BX
CDR02BX392BK_ _
392
3900
K
BX
100
CDR02BX472B_ _ _
472
4700
K, M
BX
100
CDR02BX562BK_ _
562
5600
K
BX
100
CDR02BX682B_ _ _
682
6800
K, M
BX
100
CDR02BX822BK_ _
822
8200
K
BX
100
CDR02BX103B_ _ _
103
10 000
K, M
BX
100
CDR02BX123AK_ _
123
12 000
K
BX
50
CDR02BX153A_ _ _
153
15 000
K, M
BX
50
CDR02BX183AK_ _
183
18 000
K
BX
50
CDR02BX223A_ _ _
223
22 000
K, M
BX
50
CDR03BP
CDR03BP331B_ _ _
331
330
J, K
BP
100
CDR03BP391BJ_ _
391
390
J
BP
100
CDR03BP471B_ _ _
471
470
J, K
BP
100
CDR03BP561BJ_ _
561
560
J
BP
100
CDR03BP681B_ _ _
681
680
J, K
BP
100
CDR03BP821BJ_ _
821
820
J
BP
100
CDR03BP102B_ _ _
102
1000
J, K
BP
100
CDR03BX
CDR03BX123BK_ _
123
12 000
K
BX
100
CDR03BX153B_ _ _
153
15 000
K, M
BX
100
CDR03BX183BK_ _
183
18 000
K
BX
100
CDR03BX223B_ _ _
223
22 000
K, M
BX
100
CDR03BX273BK_ _
273
27 000
K
BX
100
CDR03BX333B_ _ _
333
33 000
K, M
BX
100
CDR03BX393AK_ _
393
39 000
K
BX
50
CDR03BX473A_ _ _
473
47 000
K, M
BX
50
CDR03BX563AK_ _
563
56 000
K
BX
50
CDR03BX683A_ _ _
683
68 000
K, M
BX
50
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)


Similar Part No. - CDR31BX102BCYP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR31BX102B AVX-CDR31BX102B Datasheet
60Kb / 4P
   MIL-PRF-55681/Chips
logo
Kyocera Kinseki Corpota...
CDR31BX102B--- KSS-CDR31BX102B--- Datasheet
281Kb / 4P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR31BX102B3W4 KEMET-CDR31BX102B3W4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
Vishay Siliconix
CDR31BX102BFURAJ VISHAY-CDR31BX102BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
logo
Kemet Corporation
CDR31BX102BKSR-R KEMET-CDR31BX102BKSR-R Datasheet
62Kb / 1P
   SMD Mil PRF55681, Ceramic, Military/High Reliability, 1000 pF, 10%, 100 VDC, BX, R (0.01%/1000 Hrs), 0805
More results

Similar Description - CDR31BX102BCYP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com