Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST180C20C3PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ST180C20C3PBF
Description  Phase Control Thyristors (Hockey PUK Version), 350 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST180C20C3PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  ST180C20C3PBF Datasheet HTML 1Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 2Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 3Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 4Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 5Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 6Page - Vishay Siliconix ST180C20C3PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 94396
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
5
ST180CPbF Series
Phase Control Thyristors
(Hockey PUK Version), 350 A
Vishay High Power Products
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJ-hs Characteristics
2000
1
10
100
2500
3500
4000
Number of Equal Amplitude Half Cycle
Current Pulses (N)
4500
3000
At any rated load condition and with
rated V
RRM applied following surge
ST180C..C Series
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
0.01
0.1
1
Pulse Train Duration (s)
2000
2500
3500
4000
4500
5000
3000
No Voltage Reapplied
Rated V
RRM Reapplied
Maximum non repetitive surge current
versus pulse train duration. Control of
conduction may not be maintained.
Initial T
J = 125 °C
ST180C..C Series
100
123456
1000
10 000
Instantaneous On-State Voltage (V)
T
J = 25 °C
T
J = 125 °C
ST180C..C Series
0.001
0.01
0.1
1
0.001
Square Wave Pulse Duration (s)
0.01
0.1
1
10
Steady state value
R
thJ-hs = 0.17 K/W
(Single side cooled)
R
thJ-hs = 0.08 K/W
(Double side cooled)
(DC operation)
ST180C..C Series


Similar Part No. - ST180C20C3PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST180C20C3 IRF-ST180C20C3 Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS
ST180C20C3L IRF-ST180C20C3L Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST180C20C3PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST180CPBF VISHAY-ST180CPBF_12 Datasheet
132Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 350 A
Revision: 11-Aug-08
VS-ST180C VISHAY-VS-ST180C_V01 Datasheet
190Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 350 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com