Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST183C08CHK2P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST183C08CHK2P
Description  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183C08CHK2P Datasheet(HTML) 6 Page - Vishay Siliconix

  ST183C08CHK2P Datasheet HTML 1Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 2Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 3Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 4Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 5Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 6Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 7Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 8Page - Vishay Siliconix ST183C08CHK2P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94368
6
Revision: 30-Apr-08
ST183CPbF Series
Vishay High Power Products
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
Fig. 13 - Frequency Characteristics
Fig. 14 - Frequency Characteristics
0
50
100
150
dI/dt - Rate of Fall of On-State Current (A/µs)
ST183C..C Series
T
J = 125 °C
20
0
40
60
80
100
250
200
I
TM = 500 A
300 A
200 A
100 A
50 A
0
20
40
60
80
100
120
dI/dt - Rate of Fall of Forward Current (A/µs)
ST183C..C Series
T
J = 125 °C
20
0
40
60
80
100
140
160
I
TM = 500 A
I
TM = 300 A
I
TM = 200 A
I
TM = 100 A
I
TM = 50 A
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Sinusoidal pulse
T
C = 40 °C
50 Hz
5000
t
p
10 000
2500
1000
1500
400
200 100
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Sinusoidal pulse
T
C = 55 °C
50 Hz
5000
t
p
10 000
2500
1500
1000
400 200 100
500
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Trapezoidal pulse
T
C = 40 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
2500
50 Hz
5000
1500 1000
200
400
100
500
10
100
1000
10 000
100
1000
10 000
Pulse Basewidth (µs)
3000
ST183C..C Series
Trapezoidal pulse
T
C = 55 °C
dI/dt = 50 A/µs
t
p
Snubber circuit
R
s = 47 Ω
C
s = 0.22 µF
V
D = 80 % VDRM
2500
50 Hz
5000
1500
1000
200
400
100
500


Similar Part No. - ST183C08CHK2P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST183C08CHK2P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com