Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST300S20P0-PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ST300S20P0-PBF
Description  Phase Control Thyristors (Stud Version), 300 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST300S20P0-PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  ST300S20P0-PBF Datasheet HTML 1Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 2Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 3Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 4Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 5Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 6Page - Vishay Siliconix ST300S20P0-PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94406
4
Revision: 11-Aug-08
ST300SPbF Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 300 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
70
80
90
100
110
120
130
0
50
100
150
200
250
300
350
30°
60°
90°
120°
180°
Average On-state Current (A)
Cond uc tion Angle
ST300SSeries
R
(DC) = 0.10 K/ W
thJC
60
70
80
90
100
110
120
130
0100
200
300
400
500
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduc tion Period
ST300SSeries
R
(DC) = 0.10 K/ W
thJC
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/
W
0.2
K/ W
0.3
K/ W
0.4
K/W
0.6 K/ W
1.2 K/ W
0.1
2
K/
W
0
40
80
120
160
200
240
280
320
360
400
440
480
0
40
80
120 160 200 240 280 320
180°
120°
90°
60°
30°
RMSLimit
Cond uc tion Angle
Average On-state Current (A)
ST300SSeries
T = 125°C
J
25
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.0
8
K/W
0.1
2
K/W
0.2
K/ W
0.3 K
/ W
0.6 K/W
1.2 K/ W
0
50
100
150
200
250
300
350
400
450
500
550
600
650
0
100
200
300
400
500
DC
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Period
Average On-state Current (A)
ST300SSeries
T = 125°C
J


Similar Part No. - ST300S20P0-PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST300S20P0 IRF-ST300S20P0 Datasheet
74Kb / 8P
   PHASE CONTROL THYRISTORS
ST300S20P0L IRF-ST300S20P0L Datasheet
74Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST300S20P0-PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST300SPBF VISHAY-VS-ST300SPBF_V01 Datasheet
196Kb / 8P
   Phase Control Thyristors(Stud Version), 300 A
01-Jan-2022
VS-ST300SPBF VISHAY-VS-ST300SPBF Datasheet
186Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 08-Jul-14
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
80RIA40PBF VISHAY-80RIA40PBF_10 Datasheet
160Kb / 8P
   Phase Control Thyristors (Stud Version), 80 A
Revision: 17-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com