Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST330C16L0LPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST330C16L0LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330C16L0LPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  ST330C16L0LPBF Datasheet HTML 1Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 2Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 3Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 4Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 5Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 6Page - Vishay Siliconix ST330C16L0LPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 94408
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 16-Oct-08
3
ST330CLPbF Series
Phase Control Thyristors
(Hockey PUK Version), 650 A
Vishay High Power Products
Note
• The table above shows the increment of thermal resistance RthJ-hs when devices operate at different conduction angles than DC
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
TYP.
MAX.
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10.0
W
Maximum average gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz, d% = 50
2.0
Maximum peak positive gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
3.0
A
Maximum peak positive gate voltage
+ VGM
TJ = TJ maximum, tp ≤ 5 ms
20
V
Maximum peak negative gate voltage
- VGM
5.0
DC gate current required to trigger
IGT
TJ = - 40 °C
Maximum required gate trigger/
current/voltage are the lowest
value which will trigger all units
12 V anode to cathode applied
200
-
mA
TJ = 25 °C
100
200
TJ = 125 °C
50
-
DC gate voltage required to trigger
VGT
TJ = - 40 °C
2.5
-
V
TJ = 25 °C
1.8
3.0
TJ = 125 °C
1.1
-
DC gate current not to trigger
IGD
TJ = TJ maximum
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated VDRM anode to
cathode applied
10
mA
DC gate voltage not to trigger
VGD
0.25
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum operating junction temperature range
TJ
- 40 to 125
°C
Maximum storage temperature range
TStg
- 40 to 150
Maximum thermal resistance, junction to heatsink
RthJ-hs
DC operation single side cooled
0.11
K/W
DC operation double side cooled
0.06
Maximum thermal resistance, case to heatsink
RthC-hs
DC operation single side cooled
0.011
DC operation double side cooled
0.005
Mounting force, ± 10 %
9800
(1000)
N
(kg)
Approximate weight
250
g
Case style
See dimensions - link at the end of datasheet
TO-200AC (B-PUK)
ΔR
thJ-hs CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
SINGLE SIDE
DOUBLE SIDE
SINGLE SIDE
DOUBLE SIDE
180°
0.012
0.010
0.008
0.008
TJ = TJ maximum
K/W
120°
0.014
0.015
0.014
0.014
90°
0.018
0.018
0.019
0.019
60°
0.026
0.027
0.027
0.028
30°
0.045
0.046
0.046
0.046


Similar Part No. - ST330C16L0LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST330C16C0 IRF-ST330C16C0 Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
ST330C16C0L IRF-ST330C16C0L Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST330C16C0LPBF VISHAY-ST330C16C0LPBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
ST330C16C0PBF VISHAY-ST330C16C0PBF Datasheet
200Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 720 A
Revision: 11-Aug-08
logo
International Rectifier
ST330C16C1 IRF-ST330C16C1 Datasheet
95Kb / 8P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST330C16L0LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST300CPBF VISHAY-ST300CPBF Datasheet
169Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST300CPB VISHAY-VS-ST300CPB Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
ST330CLPBF VISHAY-ST330CLPBF_12 Datasheet
168Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 16-Oct-08
VS-ST300C VISHAY-VS-ST300C_V01 Datasheet
238Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
ST300CPBF VISHAY-ST300CPBF_12 Datasheet
187Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
Revision: 11-Aug-08
VS-ST330CL VISHAY-VS-ST330CL_V01 Datasheet
209Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 650 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com