Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST333C08CHK2LP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST333C08CHK2LP
Description  Inverter Grade Thyristors (Hockey PUK Version), 720 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST333C08CHK2LP Datasheet(HTML) 7 Page - Vishay Siliconix

  ST333C08CHK2LP Datasheet HTML 1Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 2Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 3Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 4Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 5Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 6Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 7Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 8Page - Vishay Siliconix ST333C08CHK2LP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 94376
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
7
ST333CPbF Series
Inverter Grade Thyristors
(Hockey PUK Version), 720 A
Vishay High Power Products
Fig. 15 - Frequency Characteristics
Fig. 16 - Maximum On-State Energy Power Loss Characteristics
Fig. 17 - Gate Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
50 Hz
400
2500
100
1000
1500
2000
3000
200
500
Pulse Basewidth (µs)
ST333C..C Series
Trap ezoida l p ulse
T = 40°C
di/ dt = 100A/ µs
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
C
5000
tp
1E4
1E1
1E2
1E3
1E4
50 Hz
400
100
Pulse Basewidth (µs)
1000
1500
2000
200
500
ST333C..C Series
Trap ezoid al pulse
T = 55°C
di/ d t = 100A/ µs
C
2500
Snubb er circ uit
R = 10 ohms
C
= 0.47 µF
V
= 80% V
s
s
D
DRM
tp
3000
5000
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
20 joules per p ulse
2
1
0.5
0.3
0.2
10
5
3
ST333C..C Series
Sinusoid al pulse
tp
1E11E2
1E31E4
Pulse Basewidth (µs)
20 joules p er pulse
2
1
0.5
0.3
0.2
10
3
ST333C Series
Recta ngula r p ulse
di/ d t = 50A/ µs
0.4
tp
5
0.1
1
10
100
0.001
0.01
0.1
1
10
100
VGD
IGD
(b)
(a)
(1)
(2)
InstantaneousGate Current (A)
Rec tangular gate pulse
a) Recommended load line for
b) Recommended load line for
<=30%rated di/ dt : 10V, 10ohms
rated di/ dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
(1) PGM = 10W, tp = 20ms
(2) PGM = 20W, tp = 10ms
(3) PGM = 40W, tp = 5ms
(4) PGM = 60W, tp = 3.3ms
(3)
Device: ST333C..C Series Frequency Limited by PG(AV)
(4)


Similar Part No. - ST333C08CHK2LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST333C08CHK2L VISHAY-ST333C08CHK2L Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
More results

Similar Description - ST333C08CHK2LP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST333CC VISHAY-VS-ST333CC_V01 Datasheet
285Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
01-Jan-2022
ST333C08CFL1 VISHAY-ST333C08CFL1 Datasheet
245Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
ST333C VISHAY-ST333C Datasheet
230Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 15-May-08
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com