Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1773-312-2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F1773-312-2
Description  AC Capacitors, Suppression Capacitors Class X2 AC 253 V (MKT) - Axial Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1773-312-2 Datasheet(HTML) 1 Page - Vishay Siliconix

  F1773-312-2 Datasheet HTML 1Page - Vishay Siliconix F1773-312-2 Datasheet HTML 2Page - Vishay Siliconix F1773-312-2 Datasheet HTML 3Page - Vishay Siliconix F1773-312-2 Datasheet HTML 4Page - Vishay Siliconix F1773-312-2 Datasheet HTML 5Page - Vishay Siliconix F1773-312-2 Datasheet HTML 6Page - Vishay Siliconix F1773-312-2 Datasheet HTML 7Page - Vishay Siliconix F1773-312-2 Datasheet HTML 8Page - Vishay Siliconix F1773-312-2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 26507
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 23-Sep-08
1
AC Capacitors, Suppression Capacitors
Class X2 AC 253 V (MKT) - Axial Type
F1773-2000
Vishay Roederstein
APPLICATIONS
High stabililty grade for continuous across the line X2
applications.
See also application note:
www.vishay.com/docs/28153/anaccaps.pdf
REFERENCE STANDARDS
IEC 60384-14 ed-3 and EN 60384-14
UL 1283
CSA
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type; code for dielectric material; manufacturer location;
manufacturer’s logo; year and week; safety approvals
DIELECTRIC
Polyester film
ELECTRODES
Metallized
CONSTRUCTION
Series construction
FEATURES
Supplied loose in box, taped on reel or ammopack
RoHS compliant
RATED VOLTAGE
AC 253 V; 50 Hz to 60 Hz
PERMISSIBLE DC VOLTAGE
DC 630 V
ENCAPSULATION
Plastic, epoxy resin sealed, flame retardant UL-class 94 V-0
CLIMATIC TESTING CLASS ACC. TO IEC 60068-1
C
≤ 1.0 µF = 40/100/21/C
C > 1.0 µF = 40/085/21/C
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.01 µF X2 to 2.2 µF X2
Preferred values acc. to E6
CAPACITANCE TOLERANCE
0.01 µF to
≤ 0.1 µF: ± 20 %
0.12 µF to
≤ 2.2 µF: ± 10 %
LEADS
Tinned wire
MAXIMUM APPLICATION TEMPERATURE
100 °C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
RFI@vishay.com
LEAD DIAMETER
dt (mm)
D (mm)
0.7 ± 0.07
≤ 7
0.8 ± 0.08
> 7 to < 16.5
1.0 ± 0.1
≥ 16.5
Ø d
t
40 ± 5
40 ± 5
L
max.
D
max.
Dimensions in mm


Similar Part No. - F1773-312-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17732XX2000 VISHAY-F17732XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2900 VISHAY-F17732XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17732XX2901 VISHAY-F17732XX2901 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2000 VISHAY-F17733XX2000 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
F17733XX2900 VISHAY-F17733XX2900 Datasheet
141Kb / 12P
   Interference Suppression Film Capacitor - Class X2
More results

Similar Description - F1773-312-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com