Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1774-315-22 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F1774-315-22
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1774-315-22 Datasheet(HTML) 1 Page - Vishay Siliconix

  F1774-315-22 Datasheet HTML 1Page - Vishay Siliconix F1774-315-22 Datasheet HTML 2Page - Vishay Siliconix F1774-315-22 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 26512
To contact us: RFI@vishay.com
www.vishay.com
Revision: 12-May-06
25
F1774-2200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X2 AC 275 V (MKT)
Dimensions in mm
MAXIMUM PULSE RISE TIME: (du/dt) in V/µs
RATED VOLTAGE:
AC 275 V, 50/60 Hz
PERMISSIBLE DV VOLTAGE:
DC 630 V
TERMINALS:
Insulated stranded copper wire, type LiY 0.5 mm2 (or AWG 20)
ends stripped
COATING:
Plastic case, epoxy resin sealed, flame retardant UL 94V-0
CLIMATIC TESTING CLASS ACC. TO EN 60068-1:
40/100/56
CAPACITANCE RANGE:
E6 series 0.01 µFX2 - 2.2 µFX2
E12 values on request
CAPACITANCE TOLERANCE:
Standard: ± 20 %
FURTHER TECHNICAL DATA:
See page 21 (Document No 26504)
RATED
VOLTAGE
PITCH (mm)
≤ 15.0
≤ 22.5
≤ 27.5
≤ 37.5
AC 275 V
200
150
100
100
W
H
80.0 + 5.0
5.0 + 2.0
L
P
Electrode
Free margin
Center margin
Dielectric
FEATURES:
Product is completely lead (Pb)-free
Product is RoHS compliant
DISSIPATION FACTOR TAN
δ:
< 1 % measured at 1 kHz
INSULATION RESISTANCE: FOR C
≤ 0.33 µF:
30 G
Ω average value
15 G
Ω minimum value
TIME CONSTANT FOR C > 0.33 µF:
10 000 sec. average value
5000 sec. minimum value
TEST VOLTAGE:
(Electrode/electrode): DC 2150 V/2 sec.
REFERENCE STANDARDS:
EN 132 400, 1994
EN 60068-1
IEC 60384-14/2, 1993
UL 1283
UL 1414
CSA 22.2 No. 8-M 86
CSA 22.2 No. 1-M 90
DIELECTRIC:
Polyester film
ELECTRODES:
Metal evaporated
CONSTRUCTION:
Metallized film capacitor
Internal series connection
Between interconnected terminations and case (foil method):
AC 2500 V for 2 sec. at 25 °C
Impedance (Z) as a function of frequency (f) at Ta = 20 °C (average).
Measurement with lead length 80 mm.
10
1
0.01
0.05
1.0
5.0 10
50 100
10
0
10
-1
10
-2
10
-3
0.1
0.5
f
[MHz]
RoHS
COMPLIANT
Pb-free
e3


Similar Part No. - F1774-315-22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1774-315-3 VISHAY-F1774-315-3 Datasheet
290Kb / 3P
   AC-Capacitors, Suppresion Capacitors Class X2 AC 300 V (MKT)
Revision: 11-June-06
F1774-315-32 VISHAY-F1774-315-32 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1774-315-4 VISHAY-F1774-315-4 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-315-42 VISHAY-F1774-315-42 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
More results

Similar Description - F1774-315-22

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-4000 VISHAY-F1772-4000 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC440 V (MKT)
Revision: 11-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com