Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1774-415-226 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1774-415-226
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1774-415-226 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1774-415-226 Datasheet HTML 1Page - Vishay Siliconix F1774-415-226 Datasheet HTML 2Page - Vishay Siliconix F1774-415-226 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
Document Number: 26512
26
Revision: 12-May-06
F1774-2200
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X2 AC 275 V (MKT)
APPROVALS
Inbuilt discharging resistor on request (with larger case dimensions).
* With
and
mark, the ordering code is F1774-. . .- 2240-E3 or F1774-. . .- 2264-E3.
The suffix “E3” is used for the RoHS-compliant version, although in most cases this is the only available version.
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
(for AC 250 V)
UL 1283
UL 1414
0.01 - 2.2 µFX
0.01 - 1.0 µFX
E 76297
E 100682
Canada
(for AC 250 V)
C 22.2 No. 8-M 1986
C 22.2 No. 1-M 1994
0.01 - 2.2 µFX
0.01 - 0.82 µFX
LR 64546
LR 64546-8
CB TEST-CERTIFICATE (for AC 275 V)
0.01 - 2.2 µFX2
DE 1-8790
Germany
EN 132 400; 1999
IEC 60384-14, 2nd edition, 1995
0.01 - 2.2 µFX2
83658
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
CAPACITANCE
TOL.
%
PITCH
P
(mm)
BOX
NO.
DIMENSIONS
W x H x L
(+ 0.2/- 0.4 mm)
WEIGHT
(g)
QUANTITY
PACKAGE
(pcs)
ORDERING CODE*
0.01 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
2.6
1000
F1774-310-22 . .-E3
0.015 µFX2
± 20
15.0
05
5.3 x 10.4 x 17.8
2.6
1000
F1774-315-22 . .-E3
0.022 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
2.6
1000
F1774-322-22 . .-E3
0.033 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
2.6
1000
F1774-333-22 . .-E3
0.047 µFX2
± 20
15.0
05
5.3 x 10.3 x 17.8
2.6
1000
F1774-347-22 . .-E3
0.068 µFX2
± 20
15.0
49
6.0 x 12.0 x 17.9
3.2
900
F1774-368-22 . .-E3
0.1 µFX2
± 20
15.0
49
6.0 x 12.0 x 17.9
3.2
900
F1774-410-22 . .-E3
0.15 µFX2
± 20
22.5
09
6.3 x 14.3 x 26.3
4.5
650
F1774-415-22 . .-E3
0.15 µFX2
± 20
15.0
08
8.3 x 14.3 x 17.8
3.9
800
F1774-415-226 .-E3
0.22 µFX2
± 20
22.5
11
7.3 x 15.3 x 26.3
5.3
500
F1774-422-22 . .-E3
0.22 µFX2
± 20
15.0
28
8.3 x 17.3 x 17.8
4.7
600
F1774-422-226 .-E3
0.33 µFX2
± 20
22.5
01
8.8 x 16.8 x 26.3
6.5
500
F1774-433-22 . .-E3
0.33 µFX2
± 20
15.0
36
13.3 x 22.3 x 17.8
8.3
400
F1774-433-226 .-E3
0.47 µFX2
± 20
27.5
29
8.8 x 18.3 x 31.3
8.0
450
F1774-447-22 . .-E3
0.47 µFX2
± 20
22.5
13
10.3 x 18.3 x 26.3
7.9
500
F1774-447-226 .-E3
0.68 µFX2
± 20
27.5
14
11.0 x 20.3 x 31.23
14.1
350
F1774-468-22 . .-E3
0.68 µFX2
± 20
22.5
38
15.3 x 26.3 x 26.3
15.5
250
F1774-468-226 .-E3
1.0 µFX2
± 20
27.5
18
14.0 x 24.3 x 31.3
16.2
250
F1774-510-22 . .-E3
1.0 µFX2
± 20
22.5
38
15.3 x 26.3 x 26.3
15.5
250
F1774-510-226 .-E3
1.5 µFX2
± 20
37.5
16
14.0 x 24.3 x 41.3
20.1
200
F1774-515-22 . .-E3
1.5 µFX2
± 20
27.5
17
16.0 x 29.3 x 31.3
21.2
175
F1774-515-226 .-E3
2.2 µFX2
± 20
37.5
19
15.5 x 28.3 x 41.3
25.2
150
F1774-522-22 . .-E3
2.2 µFX2
± 20
27.5
41
19.5 x 34.8 x 31.3
29.2
125
F1774-522-226 .-E3


Similar Part No. - F1774-415-226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1774-415-3 VISHAY-F1774-415-3 Datasheet
290Kb / 3P
   AC-Capacitors, Suppresion Capacitors Class X2 AC 300 V (MKT)
Revision: 11-June-06
F1774-415-32 VISHAY-F1774-415-32 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1774-415-326 VISHAY-F1774-415-326 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1774-415-4 VISHAY-F1774-415-4 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-415-42 VISHAY-F1774-415-42 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
More results

Similar Description - F1774-415-226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4000 VISHAY-F1774-4000 Datasheet
287Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-4000 VISHAY-F1772-4000 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC440 V (MKT)
Revision: 11-Jun-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com