Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOGC1601MJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SOGC1601MJ
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC1601MJ Datasheet(HTML) 1 Page - Vishay Siliconix

  SOGC1601MJ Datasheet HTML 1Page - Vishay Siliconix SOGC1601MJ Datasheet HTML 2Page - Vishay Siliconix SOGC1601MJ Datasheet HTML 3Page - Vishay Siliconix SOGC1601MJ Datasheet HTML 4Page - Vishay Siliconix SOGC1601MJ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Thick Film Resistor Networks, Dual-In-Line
Small Outline Molded Dip, 01, 03, 05 Schematics
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31506
32
Revision: 25-Aug-06
SOGC 01, 03, 05
Vishay Dale
FEATURES
• 0.110" [2.79 mm] maximum seated height
• Rugged, molded case construction
• 0.050" [1.27 mm] lead spacing
• Reduces total assembly costs
• Compatible with automatic surface mounting
equipment
• Uniform performance characteristics
• Meets EIA PDP 100, SOGN-0003 outline dimensions
• Available in tube pack or tape and reel pack
• Lead (Pb)-free version is RoHS compliant
Available
RoHS*
COMPLIANT
e1
* Tolerances in brackets available upon request.
• 100 milliohm maximum on zero ohm jumper
* Pb containing terminations are not RoHS compliant, exemptions may apply
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SCHEMATIC
RESISTOR
CIRCUIT
W @ 70°C
PACKAGE
POWER
W @ 70°C
TOLERANCE
± %
RESISTANCE
RANGE
Ω
OPERATING
VOLTAGE
VDC
TEMPERATURE
COEFFICIENT
ppm/°C
SOGC16
01
0.1
1.6
2 (1, 5*)
10-1M0
50 max
100
03
0.19
1.6
2 (1, 5*)
10-1M0
50 max
100
05
0.1
1.6
2 (5*)
10-1M0
50 max
100
SOGC20
01
0.1
2.0
2 (1, 5*)
10-1M0
50 max
100
03
0.19
2.0
2 (1, 5*)
10-1M0
50 max
100
05
0.1
2.0
2 (5*)
10-1M0
50 max
100
GLOBAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MODEL
VALUE
CODE
SOGC
16
05 = Dual Terminator
3 digit Impedance
F = ± 1%
EJ= Lead Free,Tube
Blank = Standard
20
code, followed by
G = ± 2%
EA=
Tape & Reel
(Dash Number)
Alpha modifier
J= ± 5%
DC= Tin/Lead,Tube(up to 3 digits)
(see Impedance
RZ= Tin/Lead,Tape & Reel
From1-999 as
Codes table)
applicable
GLOBAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SPECIAL
MODEL
VALUE
CODE
SOGC
16
01 = Bussed
R = Decimal
F = ± 1%
EJ= Lead Free,Tube
Blank = Standard
20
03 = Isolated
K = Thousand
G = ± 2%
EA=
Tape & Reel
(Dash Number)
00 = Special
M = Million
J= ± 5%
DC= Tin/Lead,Tube(up to 3 digits)
10R0 = 10
Ω
S = Special
RZ= Tin/Lead,Tape & Reel
From1-999 as
680K = 680 K
Ω
Z = 0
Ω Jumper
applicable
1M00 = 1.0 M
Ω
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SOGC200310K0GDC (preferred part numbering format)
SO
G
C
2
0
03
1
0
K
0
G
D
C
Historical Part Number example: SOGC2003103G (will continue to be accepted)
SOGC
20
03
103
G
D02
HISTORICAL
PIN COUNT
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
MODEL
VALUE
CODE
SOGC
16
05
221
331
G
R61
HISTORICAL
PIN COUNT
SCHEMATIC
RESISTANCE
RESISTANCE
TOLERANCE
PACKAGING
MODEL
VALUE1
VALUE 2
CODE
New Global Part Numbering: SOGC1605131AGRZ (preferred part numbering format)
SO
G
C
1
6
05
1
3
1
A
G
R
Z
Historical Part Number example: SOGC1605221331G (will continue to be accepted)
Lead (Pb)-free,
Lead (Pb)-free,


Similar Part No. - SOGC1601MJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC1645DC VISHAY-SOGC1645DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EA VISHAY-SOGC1645EA Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EJ VISHAY-SOGC1645EJ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645RZ VISHAY-SOGC1645RZ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1646DC VISHAY-SOGC1646DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
More results

Similar Description - SOGC1601MJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com