Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFP-3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VFP-3
Description  Bulk Metal® Foil Technology Power and Current Sensing Resistors with TCR of 2 ppm/°C, Tolerance to ± 0.01 % and power up to 10 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFP-3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VFP-3 Datasheet HTML 1Page - Vishay Siliconix VFP-3 Datasheet HTML 2Page - Vishay Siliconix VFP-3 Datasheet HTML 3Page - Vishay Siliconix VFP-3 Datasheet HTML 4Page - Vishay Siliconix VFP-3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VFP-3, VFP-4
Vishay Foil Resistors
Bulk Metal® Foil Technology Power and
Current Sensing Resistors with TCR of 2 ppm/°C,
Tolerance to ± 0.01 % and power up to 10 Watts
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63014
2
Revision: 29-Aug-07
FIGURE 1 - STANDARD IMPRINTING AND DIMENSIONS in inches (millimeters)
1.575 ± 0.016 (40.01 ± 0.41)
0.276
(7.01
)
1.181 ± 0.016 (30 ± 0.41)
E2
1.575 ± 0.016 (40.01 ± 0.41)
0.150 ± 0.004
(3.81 ± 0.1)
E1
I2
I1
0.197 (5.00)
0.197 (5.00)
0.150 ± 0.004
(3.81 ± 0.1)
0.394 ± 0.008
(10.01 ± 0.2)
0.394 ± 0.008
(10.01 ± 0.2)
Lead Dia.
0.025 (0.633)
Solder Coated
Copper
Lead Dia.
0.025 (0.64)
Solder Coated
Copper
0.600 (15.24)
0.200 [x3] (5.08)
0.118 (3.00)
0.118 (3.00)
0.787 ± 0.016
(19.99 ± 0.41)
0.787 ± 0.016
(19.99 ± 0.41)
1.00 Min.
(25.4 Min.)
1.00 Min.
(25.4 Min.)
0.276
(7.01
)
+ 0.004
+ 0.1
- 0.008
- 0.2
+ 0.004
+ 0.1
- 0.008
- 0.2
VISHAY
VFP-3
(Value)
(Tol.)
(Date Code)
VISHAY
VFP-4
(Value)
(Tol.)
(Date Code)
VFP-4
VFP-3
1.181 ± 0.016 (30 ± 0.41)
TABLE 3 - SPECIFICATIONS
Stability
Load Life at 2000 hours
± 0.05 % maximum
ΔR under full rated power (3 W at + 25 °C)
Power Rating
At + 25 °C
10 W or 3 A1) on heat sink2)
3 W or 3 A1) in free air
Power rating based on
ΔR. Further derating not necessary.
Current Noise
< 0.010 µV (RMS)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise Time
1.0 ns at 1 k
Ω
Inductance (L)3)
0.1 µH maximum; 0.08 µH typical
Capacitance (C)
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V4)
Operating Temp. Range
- 55 °C to + 150 °C
Maximum Working Voltage5)
350 V
Thermal EMF6)
0.5 µV/°C typical (lead effect)
FIGURE 2 - POWER DERATING CURVE
+ 100
+ 75
+ 50
+ 25
0
- 75 - 50 - 25
0 + 25 + 50 + 75 + 100 + 125 + 150 + 175
Ambient Temperature (°C)
- 55 °C
Rated Power
FIGURE 3 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming


Similar Part No. - VFP-3

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VFP-3HU FUJITSU-VFP-3HU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VFP-3LU FUJITSU-VFP-3LU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
VFP-3MU FUJITSU-VFP-3MU Datasheet
184Kb / 9P
   1 POLE - 20/25/30A - Heavy power control
More results

Similar Description - VFP-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
   Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
Revision: 05-Jun-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
   Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
Revision: 31-Oct-07
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
   Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
Revision: 12-Jul-07
200 VISHAY-200 Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
Revision: 16-Jul-07
VCS301 VISHAY-VCS301 Datasheet
162Kb / 4P
   Bulk Metal® Foil Technology High Precision 4-Terminal Power Current Sensing Resistors with TCR as low as ± 1 ppm/°C and Tolerance ± 0.1 %
Revision: 26-Jun-07
V5X5P VISHAY-V5X5P Datasheet
174Kb / 7P
   Bulk Metal® Foil Technology Discrete Chips with TCR of 2 ppm/°C and Tolerance to 0.005 % for use in Hybrid Circuits
Revision: 25-Oct-07
VPR220 VISHAY-VPR220_08 Datasheet
128Kb / 4P
   Foil Technology Precision Foil Power Resistors in TO-220 Configuration with TCR 2 ppm/째C,of Tolerance of to 짹 0.01 % and Power Rating to 8 W
Revision: 05-Jul-07
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com