Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1774-510-4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # F1774-510-4
Description  AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1774-510-4 Datasheet(HTML) 2 Page - Vishay Siliconix

  F1774-510-4 Datasheet HTML 1Page - Vishay Siliconix F1774-510-4 Datasheet HTML 2Page - Vishay Siliconix F1774-510-4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
Document Number: 26510
26
Revision: 12-May-06
F1774-4000
Vishay Roederstein
AC-Capacitors, Suppression Capacitors
Class X2 AC 440 V (MKT)
APPROVALS
Preferred values in bold print.
Inbuilt discharging resistor on request (with larger case dimensions).
* Different pitch on request
** With
and
mark, the ordering code is F1774-. . .-4400-E3.
The suffix “E3” is used for the RoHS-compliant version, although in most cases this is the only available version.
COUNTRY
SPECIFICATION
ELECTRICAL VALUES
APPROVAL REFERENCE
APPROVAL MARK
U.S.A.
(for AC 250 V)
UL 1283
UL 1414
0.01 - 1.0 µFX
0.01 - 1.0 µFX
E 76297
E 100682
Canada
(for AC 250 V)
C 22.2 No. 8-M 1986
C 22.2 No. 1-M 1994
0.01 - 1.0 µFX
0.01 - 0.82 µFX
LR 64546
LR 64546-8
CB TEST-CERTIFICATE (for AC 440 V)
0.01 - 1.0 µFX2
DE 1-8221
Germany
EN 132 400, 1999
IEC 60384-14, 2nd edition, 1995
0.01 - 1.0 µFX2
94616
This approval mark together with the CB-Certificate replace all national approval marks of the following countries
(they have already signed the CB-Agreement):
Austria
Belgium
Denmark
Finland
Sweden
France
Germany
Ireland
Italy
Switzerland
Netherlands
Israel
Portugal
Spain
Great Britain
Japan
Norway
China
Poland
Czech. Republic
Singapore
Rep. of Korea
Hungary
Iceland
Slovenia
CAPACITANCE
TOL.
(%)
PITCH
P
(mm)
BOX
NO.
DIMENSIONS
W x H x L (mm)
(+ 0.2/- 0.4 mm)
WEIGHT
(g)
QUANTITY
PACKAGE
(pcs)
ORDERING CODE**
0.01 µFX2
± 10
15.0
06
6.3 x 12.3 x 17.8
3.2
850
F1774-310-4 . . .-E3
0.012 µFX2
± 10
15.0
06
6.3 x 12.3 x 17.8
3.2
850
F1774-312-4 . . .-E3
0.015 µFX2
± 10
15.0
07
7.3 x 13.3 x 17.8
3.6
800
F1774-315-4 . . .-E3
0.018 µFX2
± 10
15.0
07
7.3 x 13.3 x 17.8
3.6
800
F1774-318-4 . . .-E3
0.022 µFX2
± 10
15.0
08
8.3 x 14.3 x 17.8
3.9
800
F1774-322-4 . . .-E3
0.027 µFX2
± 10
15.0
08
8.3 x 14.3 x 17.8
3.9
800
F1774-327-4 . . .-E3
0.033 µFX2
± 10
15.0
28
8.3 x 17.3 x 17.8
3.9
800
F1774-333-4 . . .-E3
0.039 µFX2
± 10
22.5*
09
6.3 x 14.3 x 26.3
4.5
650
F1774-339-4 . . .-E3
0.047 µFX2
± 10
22.5*
11
7.3 x 15.3 x 26.3
5.3
500
F1774-347-4 . . .-E3
0.056 µFX2
± 10
22.5*
12
8.3 x 16.3 x 26.3
5.8
500
F1774-356-4 . . .-E3
0.068 µFX2
± 10
22.5*
12
8.3 x 16.3 x 26.3
5.8
500
F1774-368-4 . . .-E3
0.082 µFX2
± 10
22.5*
12
8.3 x 16.3 x 26.3
5.8
500
F1774-382-4 . . .-E3
0.10 µFX2
± 10
22.5*
13
10.3 x 18.3 x 26.3
7.9
500
F1774-410-4 . . .-E3
0.12 µFX2
± 10
22.5*
13
10.3 x 18.3 x 26.3
7.9
500
F1774-412-4 . . .-E3
0.15 µFX2
± 10
27.5*
14
11.0 x 20.3 x 31.3
10.3
350
F1774-415-4 . . .-E3
0.18 µFX2
± 10
27.5*
14
11.0 x 20.3 x 31.3
10.3
350
F1774-418-4 . . .-E3
0.22 µFX2
± 10
27.5*
15
13.0 x 23.3 x 31.3
14.1
300
F1774-422-4 . . .-E3
0.27 µFX2
± 10
27.5*
15
13.0 x 23.3 x 31.3
12.9
300
F1774-427-4 . . .-E3
0.33 µFX2
± 10
27.5*
18
14.5 x 24.3 x 31.3
16.2
250
F1774-433-4 . . .-E3
0.39 µFX2
± 10
37.5*
44
12.0 x 22.3 x 41.3
16.4
225
F1774-439-4 . . .-E3
0.47 µFX2
± 10
37.5*
16
14.0 x 24.3 x 41.3
20.1
200
F1774-447-4 . . .-E3
0.56 µFX2
± 10
37.5*
19
15.5 x 28.3 x 41.3
25.2
150
F1774-456-4 . . .-E3
0.68 µFX2
± 10
37.5*
19
15.5 x 28.3 x 41.3
25.2
150
F1774-468-4 . . .-E3
0.82 µFX2
± 10
37.5*
20
17.8 x 32.3 x 41.3
32.8
100
F1774-482-4 . . .-E3
1.0 µFX2
± 10
37.5*
42
19.5 x 39.8 x 41.3
45.4
75
F1774-510-4 . . .-E3


Similar Part No. - F1774-510-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1774-510-42 VISHAY-F1774-510-42 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1774-510-426 VISHAY-F1774-510-426 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
More results

Similar Description - F1774-510-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-4200 VISHAY-F1772-4200 Datasheet
95Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 11-Jun-07
F1774-4200 VISHAY-F1774-4200 Datasheet
284Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 440 V (MKT)
Revision: 12-May-06
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F17724472000 VISHAY-F17724472000 Datasheet
75Kb / 5P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1774-3200 VISHAY-F1774-3200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 12-May-06
F1772-3200 VISHAY-F1772-3200 Datasheet
93Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1772-3000 VISHAY-F1772-3000 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 300 V (MKT)
Revision: 11-Jun-07
F1774-2200 VISHAY-F1774-2200 Datasheet
286Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 12-May-06
F1722-4000 VISHAY-F1722-4000 Datasheet
295Kb / 3P
   AC-Capacitors, Suppression Capacitors Class X1 AC 440 V (MKT)
Revision: 09-Feb-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com