Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7092TQ Datasheet(PDF) 9 Page - STMicroelectronics

Part # TEA7092TQ
Description  TELEPHONE ANALOG FRONT END
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7092TQ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TEA7092TQ Datasheet HTML 5Page - STMicroelectronics TEA7092TQ Datasheet HTML 6Page - STMicroelectronics TEA7092TQ Datasheet HTML 7Page - STMicroelectronics TEA7092TQ Datasheet HTML 8Page - STMicroelectronics TEA7092TQ Datasheet HTML 9Page - STMicroelectronics TEA7092TQ Datasheet HTML 10Page - STMicroelectronics TEA7092TQ Datasheet HTML 11Page - STMicroelectronics TEA7092TQ Datasheet HTML 12Page - STMicroelectronics TEA7092TQ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
60k
60k
0dB
kIL
kIL = 0 for I
L = ISL
kIL = 1 for I
L = ILL
1 - kIL
AGC
21 to 15dB
(Code +6dB not
activated)
+6dB Code
20
REOUT
ZAL = K x ZALL + (1 - K) x ZASL
19
RECIN
ITX
3
V
L
15
SNSL
16
SNLL
C12
C27
26
V
CC
ZASL
R5+R6//C5
ZALL
R29+R28//C28
R13
R27
R11b
R11a
ZB
R14
R17
32
GREC
35 EAR+
Mute
V
CC
Mute
V
CC
36 EAR-
20k
20k
40k
10k
25
V
REF
Mute
EARCMF
0.6V
Figure 6 :
SNSL (Pin 15) : Short Line Length Sidetone Network Input
SNLL (Pin 16) : Long Line Length Sidetone Network Input
RECIN (Pin 19) : Receive Input
REOUT (Pin 20) : Receive Output for Handsfree Device
GREC (Pin 37) : Receive Gain Adjustment
EAR+ (Pin 35) : Positive Earphone Output
EAR- (Pin 36) : Negative Earphone Output
I - TEA7092 GENERAL INFORMATION (continued)
I.4 - Input / Output Configurations (continued)
TEA7092 - TELEPHONE SET INTEGRATED CIRCUIT
9/57


Similar Part No. - TEA7092TQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7092 STMICROELECTRONICS-TEA7092 Datasheet
574Kb / 57P
   TELEPHONE SET INTEGRATED CIRCUIT
More results

Similar Description - TEA7092TQ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7091 STMICROELECTRONICS-TEA7091 Datasheet
139Kb / 7P
   TELEPHONE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
   Analog Front End
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
logo
Texas Instruments
AFE1302 TI1-AFE1302_13 Datasheet
248Kb / 14P
[Old version datasheet]   ADSL ANALOG FRONT-END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com