Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA7530 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TEA7530
Description  MONITOR AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA7530 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TEA7530 Datasheet HTML 3Page - STMicroelectronics TEA7530 Datasheet HTML 4Page - STMicroelectronics TEA7530 Datasheet HTML 5Page - STMicroelectronics TEA7530 Datasheet HTML 6Page - STMicroelectronics TEA7530 Datasheet HTML 7Page - STMicroelectronics TEA7530 Datasheet HTML 8Page - STMicroelectronics TEA7530 Datasheet HTML 9Page - STMicroelectronics TEA7530 Datasheet HTML 10Page - STMicroelectronics TEA7530 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SO8 PACKAGE MECHANICAL DATA
DIM
mm
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
o (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
o (max.)
TEA7530
10/11


Similar Part No. - TEA7530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
TEA7532DP STMICROELECTRONICS-TEA7532DP Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
TEA7532FP STMICROELECTRONICS-TEA7532FP Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
More results

Similar Description - TEA7530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
   VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
   BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
   1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
STMicroelectronics
STV9380 STMICROELECTRONICS-STV9380 Datasheet
62Kb / 7P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
STV9381 STMICROELECTRONICS-STV9381 Datasheet
116Kb / 8P
   CLASS-D VERTICAL DEFLECTION AMPLIFIER FOR TV AND MONITOR APPLICATION
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com