Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOGC1600680KS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SOGC1600680KS
Description  Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOGC1600680KS Datasheet(HTML) 5 Page - Vishay Siliconix

  SOGC1600680KS Datasheet HTML 1Page - Vishay Siliconix SOGC1600680KS Datasheet HTML 2Page - Vishay Siliconix SOGC1600680KS Datasheet HTML 3Page - Vishay Siliconix SOGC1600680KS Datasheet HTML 4Page - Vishay Siliconix SOGC1600680KS Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - SOGC1600680KS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOGC1645DC VISHAY-SOGC1645DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EA VISHAY-SOGC1645EA Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645EJ VISHAY-SOGC1645EJ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1645RZ VISHAY-SOGC1645RZ Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
SOGC1646DC VISHAY-SOGC1646DC Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
More results

Similar Description - SOGC1600680KS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
SOGC45 VISHAY-SOGC45 Datasheet
299Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip 45 & 46 Schematics
Revision: 21-Aug-06
MDM VISHAY-MDM Datasheet
134Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ Dual-In-Line Package, 01, 03, 05 Schematics
Revision: 08-Jul-08
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 29-Nov-13
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 28-Jul-06
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP
Revision: 12-Sep-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com