Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC.68-35C2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # STC.68-35C2
Description  Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STC.68-35C2 Datasheet(HTML) 3 Page - Vishay Siliconix

  STC.68-35C2 Datasheet HTML 1Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 2Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 3Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 4Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 5Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 6Page - Vishay Siliconix STC.68-35C2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 43006
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 10-Dec-07
93
STC
Subminiature, Leaded Solid Tantalum Capacitors
Polar or Non-Polar
Vishay Sprague
STANDARD RATINGS - POLAR CAPACITORS
CAPACITANCE
(µF)
MAX
DF (%)
MAX. DCL
AT + 25 °C (µA)
CASE
CODE
PART
NUMBER
2 WVDC AT + 85 °C
0.0022
10
0.5
CX
STC.0022-2CX (1)E
0.0033
10
0.5
CX
STC.0033-2CX (1)E
0.0047
10
0.5
CX
STC.0047-2CX (1)E
0.0068
10
0.5
CX
STC.0068-2CX (1)E
0.10
10
0.5
CX
STC.10-2CX (1)M
0.15
10
0.5
CX
STC.15-2CX (1)M
0.22
10
0.5
CX
STC.22-2CX (1)M
0.33
10
0.5
CX
STC.33-2CX (1)M
0.47
10
0.5
CX
STC.47-2CX (1)M
0.68
10
0.5
CX
STC.68-2CX (1)M
1.0
10
0.5
CX
STC1.0-2CX (1)M
1.5
10
0.5
CX
STC1.5-2CX (1)M
2.2
10
0.5
CX
STC2.2-2CX (1)M
2.2
10
0.5
C0
STC2.2-2C0 (1)M
6.8
10
0.5
C1
STC6.8-2C1 (1)M
100
10
2.0
C3
STC100-2C3 (1)M
3 WVDC AT + 85 °C
1.5
10
0.5
C0
STC1.5-3C0 (1)M
22
10
1.0
C2
STC22-3C2 (1)M
68
10
2.0
C3
STC68-3C3 (1)M
100
10
3.0
C4
STC100-3C4 (1)M
4 WVDC AT + 85 °C
1.0
10
0.5
C0
STC1.0-4C0 (1)M
4.7
10
0.5
C1
STC4.7-4C1 (1)M
10
8
1.0
C2
STC10-4C2 (1)M
15
8
1.0
C2
STC15-4C2 (1)M
47
8
2.0
C3
STC47-4C3 (1)M
68
8
3.0
C4
STC68-4C4 (1)M
220
15
9.0
C5
STC220-4C5 (1)M
470
15
10.0
C6
STC470-4C6 (1)M
6 WVDC AT + 85 °C
0.68
10
0.5
C0
STC.68-6C0 (1)M
3.3
8
0.5
C1
STC3.3-6C1 (1)M
33
6
2.0
C3
STC33-6C3 (1)M
47
6
3.0
C4
STC47-6C4 (1)M
150
10
9.0
C5
STC150-6C5 (1)M
330
15
10.0
C6
STC330-6C6 (1)M
10 WVDC AT + 85 °C
0.47
10
0.5
C0
STC.47-10C0 (1)M
1.5
6
0.5
C1
STC1.5-10C1 (1)M
2.2
6
0.5
C1
STC2.2-10C1 (1)M
6.8
6
1.0
C2
STC6.8-10C2 (1)M
22
6
2.0
C3
STC22-10C3 (1)M
33
6
3.0
C4
STC33-10C4 (1)M
100
8
9.0
C5
STC100-10C5 (1)M
220
6
0.5
C6
STC220-10C6 (1)M
15 WVDC AT + 85 °C
1.0
6
0.5
C1
STC1.0-15C1 (1)M
4.7
6
1.0
C2
STC4.7-15C2 (1)M
15
6
2.0
C3
STC15-15C3 (1)M
22
6
3.0
C4
STC22-15C4 (1)M
68
6
6.0
C5
STC68-15C5 (1)M
150
10
10.0
C6
STC150-15C6 (1)M
Note:
(1) Add A for axial, R for radial


Similar Part No. - STC.68-35C2

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
STC-1506-2R4 MICRO-ELECTRONICS-STC-1506-2R4 Datasheet
202Kb / 1P
   SMD POWER INDUCTORS
STC-1606-2R4 MICRO-ELECTRONICS-STC-1606-2R4 Datasheet
202Kb / 1P
   SMD POWER INDUCTORS
logo
Omron Electronics LLC
STC-MBE132POE OMRON-STC-MBE132POE Datasheet
2Mb / 68P
   GigE Vision Monochrome / Color CMOS PoE Camera
STC-MBS1242POE OMRON-STC-MBS1242POE Datasheet
681Kb / 3P
   Omron Sentech GigE Vision CMOS sensor series
2019
STC-MBS163POE OMRON-STC-MBS163POE Datasheet
681Kb / 3P
   Omron Sentech GigE Vision CMOS sensor series
2019
More results

Similar Description - STC.68-35C2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
List of Unclassifed Man...
CA72 ETC1-CA72 Datasheet
71Kb / 1P
   CA72 Series Non-polar Solid Electrolyte Tantalum Capacitor
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
logo
Cornell Dubilier Electr...
SN330M6R3ST CDE-SN330M6R3ST_14 Datasheet
543Kb / 4P
   Radial Leaded Non-Polar Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
474BPA050M ILLINOISCAPACITOR-474BPA050M_16 Datasheet
218Kb / 2P
   Bi-Polar/ non-polar 2000 hrs
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com