Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TJ7
Description  Inductors Toroid, High Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ7 Datasheet(HTML) 2 Page - Vishay Siliconix

  TJ7 Datasheet HTML 1Page - Vishay Siliconix TJ7 Datasheet HTML 2Page - Vishay Siliconix TJ7 Datasheet HTML 3Page - Vishay Siliconix TJ7 Datasheet HTML 4Page - Vishay Siliconix TJ7 Datasheet HTML 5Page - Vishay Siliconix TJ7 Datasheet HTML 6Page - Vishay Siliconix TJ7 Datasheet HTML 7Page - Vishay Siliconix TJ7 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TJ
Vishay Dale
Inductors, Toroid, High Current
www.vishay.com
For technical questions contact magnetics@vishay.com
Document Number: 34079
50
Revision: 18-Apr-06
1. Measured at 0.25 VRMS at 10 kHz
2. DC Resistance measured at + 25 °C ± 5 °C
3. Maximum continuous operating current based on a calculated temperature rise of 40 °C
* The DC current values listed are typical values that drop the nominal inductance by the percent listed.
ELECTRICAL SPECIFICATION RANGES
MODEL
INDUCTANCE RANGE1
(µH)
DC RESISTANCE RANGE2
(Ohms)
RATED CURRENT RANGE3
(Amps)
TJ3
1.2 - 1500
0.006 - 1.476
10.0 - 0.5
TJ4
1.2 - 1500
0.006 - 0.952
10.7 - 0.9
TJ5
1.2 - 1500
0.006 - 0.539
10.1 - 1.3
TJ6
1.2 - 2700
0.004 - 0.499
16.0 - 2.0
TJ7
1.2 - 2700
0.005 - 0.359
16.0 - 2.7
TJ8
1.5 - 3900
0.005 - 0.304
18.5 - 3.2
TJ9
1.5 - 5600
0.004 - 0.224
20.0 - 5.0
STANDARD ELECTRICAL SPECIFICATIONS in inches [millimeters]
MODEL
IND.
(µH)
TOL.
NOM.
DCR
(Ohms)
RATED
CUR-
RENT
(Amps)
NOM.
IND.
at 0 DC
AMPS
(µH)
INDUCTANCE SHIFT WITH DC CURRENT*
LEAD
DIAMETER
“A”
10 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
20 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
30 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
40 %
CUR-
RENT
(Amps)
MIN.
IND.
(µH)
TJ3-XX
1.2
± 20 %
0.006
10.0
1.19
5.50
0.91
8.88
0.81
12.69
0.71
16.50
0.61
0.032 [0.813]
TJ3-XX
1.5
± 20 %
0.006
9.5
1.62
4.71
1.24
7.62
1.10
10.88
0.96
14.14
0.82
0.032 [0.813]
TJ3-XX
2.2
± 15 %
0.007
9.0
2.11
4.13
1.62
6.66
1.44
9.52
1.26
12.38
1.08
0.032 [0.813]
TJ3-XX
2.7
± 15 %
0.008
8.4
2.67
3.67
2.04
5.92
1.82
8.46
1.59
11.00
1.36
0.032 [0.813]
TJ3-XX
3.3
± 15 %
0.008
8.2
3.30
3.30
2.52
5.33
2.24
7.62
1.96
9.90
1.68
0.032 [0.813]
TJ3-XX
3.9
± 15 %
0.009
7.9
3.99
3.00
3.05
4.85
2.72
6.92
2.38
9.00
2.04
0.032 [0.813]
TJ3-XX
4.7
± 15 %
0.010
7.5
4.75
2.75
3.64
4.44
3.23
6.35
2.83
8.25
2.42
0.032 [0.813]
TJ3-XX
5.6
± 15 %
0.011
7.3
5.58
2.54
4.27
4.10
3.79
5.86
3.32
7.62
2.84
0.032 [0.813]
TJ3-XX
6.8
± 15 %
0.011
7.1
6.47
2.36
4.95
3.81
4.40
5.44
3.85
7.07
3.30
0.032 [0.813]
TJ3-XX
8.2
± 15 %
0.013
6.6
8.45
2.06
6.46
3.33
5.74
4.76
5.03
6.19
4.31
0.032 [0.813]
TJ3-XX
10.0
± 15 %
0.013
6.5
9.54
1.94
7.30
3.14
6.49
4.48
5.67
5.82
4.86
0.032 [0.813]
TJ3-XX
12.0
± 15 %
0.015
6.1
11.91
1.74
9.11
2.81
8.10
4.01
7.09
5.21
6.08
0.032 [0.813]
TJ3-XX
15.0
± 15 %
0.016
5.9
14.55
1.57
11.13
2.54
9.90
3.63
8.66
4.71
7.42
0.032 [0.813]
TJ3-XX
18.0
± 15 %
0.017
5.6
17.46
1.43
13.35
2.32
11.87
3.31
10.39
4.30
8.90
0.032 [0.813]
TJ3-XX
22.0
± 15 %
0.024
4.6
22.31
1.27
17.07
2.05
15.17
2.93
13.27
3.81
11.38
0.029 [0.737]
TJ3-XX
27.0
± 15 %
0.026
4.4
27.75
1.14
21.23
1.84
18.87
2.63
16.51
3.41
14.15
0.029 [0.737]
TJ3-XX
33.0
± 15 %
0.029
4.3
33.79
1.03
25.85
1.67
22.98
2.38
20.11
3.09
17.23
0.029 [0.737]
TJ3-XX
39.0
± 15 %
0.038
3.7
38.15
0.97
29.18
1.57
25.94
2.24
22.70
2.91
19.46
0.025 [0.635]
TJ3-XX
47.0
± 15 %
0.043
3.5
47.65
0.87
36.45
1.40
32.40
2.00
28.35
2.61
24.30
0.025 [0.635]
TJ3-XX
56.0
± 15 %
0.057
3.1
55.47
0.80
42.44
1.30
37.72
1.86
33.01
2.41
28.29
0.023 [0.584]
TJ3-XX
68.0
± 15 %
0.063
3.0
66.83
0.73
51.12
1.18
45.44
1.69
39.76
2.20
34.08
0.023 [0.584]
TJ3-XX
82.0
± 15 %
0.087
2.6
82.50
0.66
63.11
1.07
56.10
1.52
49.09
1.98
42.08
0.020 [0.508]
TJ3-XX
100.0 ± 15 %
0.097
2.4
99.83
0.60
76.37
0.97
67.88
1.38
59.40
1.80
50.91
0.020 [0.508]
TJ3-XX
120.0 ± 15 %
0.107
2.3
118.80
0.55
90.88
0.89
80.78
1.27
70.69
1.65
60.59
0.020 [0.508]
TJ3-XX
150.0 ± 15 %
0.146
1.9
148.14
0.49
113.32
0.80
100.73
1.14
88.14
1.48
75.55
0.018 [0.457]
TJ3-XX
180.0 ± 15 %
0.164
1.8
180.71
0.45
138.24
0.72
122.88
1.03
107.52
1.34
92.16
0.018 [0.457]
TJ3-XX
220.0 ± 15 %
0.225
1.5
221.89
0.40
169.75
0.65
150.89
0.93
132.03
1.21
113.16
0.016 [0.406]
TJ3-XX
270.0 ± 15 %
0.250
1.4
267.30
0.37
204.48
0.59
181.76
0.85
159.04
1.10
136.32
0.016 [0.406]
TJ3-XX
330.0 ± 15 %
0.342
1.2
330.00
0.33
252.45
0.53
224.40
0.76
196.35
0.99
168.30
0.014 [0.356]
TJ3-XX
390.0 ± 15 %
0.378
1.1
392.07
0.30
299.94
0.49
266.61
0.70
233.28
0.91
199.96
0.014 [0.356]
TJ3-XX
470.0 ± 15 %
0.510
1.0
467.31
0.28
357.49
0.45
317.77
0.64
278.05
0.83
238.33
0.013 [0.330]
TJ3-XX
560.0 ± 15 %
0.565
0.9
557.70
0.25
426.64
0.41
379.24
0.59
331.83
0.76
284.43
0.013 [0.330]
TJ3-XX
680.0 ± 15 %
0.637
0.8
684.29
0.23
523.48
0.37
465.32
0.53
407.15
0.69
348.99
0.013 [0.330]
TJ3-XX
820.0 ± 15 %
0.849
0.7
823.81
0.21
630.22
0.34
560.19
0.48
490.17
0.63
420.14
0.011 [0.279]
TJ3-XX 1000.0 ± 15 %
0.951
0.7
999.11
0.19
764.32
0.31
679.39
0.44
594.47
0.57
509.55
0.011 [0.279]
TJ3-XX 1200.0 ± 15 %
1.298
0.6
1203.87
0.17
920.96
0.28
818.63
0.40
716.30
0.52
613.98
0.010 [0.254]
TJ3-XX 1500.0 ± 15 %
1.476
0.5
1497.18
0.15
1145.34
0.25
1018.08
0.36
890.82
0.46
763.56
0.010 [0.254]


Similar Part No. - TJ7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TJ7 VISHAY-TJ7 Datasheet
112Kb / 8P
   Inductors, Toroid, High Current, Radial Leaded
01-Jan-2022
logo
Toshiba Semiconductor
TJ70A06J3 TOSHIBA-TJ70A06J3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Topstek Inc.
TJ75A TOPSTEK-TJ75A Datasheet
119Kb / 2P
   Topstek Current Transducer
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
TJ7660 HTC-TJ7660 Datasheet
790Kb / 11P
   Charge Pump Voltage Converters
More results

Similar Description - TJ7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
2218-H-RC BOURNS-2218-H-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
2206-V-RC BOURNS-2206-V-RC Datasheet
111Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com