Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THDT6511DRL Datasheet(PDF) 6 Page - STMicroelectronics

Part # THDT6511DRL
Description  TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THDT6511DRL Datasheet(HTML) 6 Page - STMicroelectronics

  THDT6511DRL Datasheet HTML 1Page - STMicroelectronics THDT6511DRL Datasheet HTML 2Page - STMicroelectronics THDT6511DRL Datasheet HTML 3Page - STMicroelectronics THDT6511DRL Datasheet HTML 4Page - STMicroelectronics THDT6511DRL Datasheet HTML 5Page - STMicroelectronics THDT6511DRL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ORDER CODE
THDT
65
1
1
D
RL
BREAKDOWN VOLTAGE
SO8 PACKAGE
ASYMMETRICAL TRISIL
VERSION
Low Dynamic Characteristics
PACKAGE MECHANICAL DATA.
SO8 Plastic
MARKING : DT651D
PACKAGING : Products supplied in antistatic tube
or tape and reel.
Weight : 0.08g
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25 0.004
0.010
a2
1.65
0.065
b
0.35
0.48 0.014
0.019
b1
0.19
0.25 0.007
0.010
C
0.50
0.020
c1
45
°(typ)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.15
0.157
L
0.4
1.27 0.016
0.050
M
0.6
0.024
S8
° (max)
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1998 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved.
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Morocco
The Netherlands - Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
Tape and reel
THDT6511D
6/6


Similar Part No. - THDT6511DRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THDT6511DRL STMICROELECTRONICS-THDT6511DRL Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results

Similar Description - THDT6511DRL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBT200S STMICROELECTRONICS-THBT200S Datasheet
66Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THBT200S1 STMICROELECTRONICS-THBT200S1 Datasheet
67Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT6511D STMICROELECTRONICS-THDT6511D_01 Datasheet
126Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
THDT58S1 STMICROELECTRONICS-THDT58S1 Datasheet
79Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
   Programmable transient voltage suppressor for SLIC protection
September 2015 Rev 1
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
64Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
   Programmable transient voltage suppressor for SLIC protection
August 2013 Rev 5
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
   PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com