Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210H223 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1210H223
Description  Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1210H223 Datasheet(HTML) 2 Page - Vishay Siliconix

  1210H223 Datasheet HTML 1Page - Vishay Siliconix 1210H223 Datasheet HTML 2Page - Vishay Siliconix 1210H223 Datasheet HTML 3Page - Vishay Siliconix 1210H223 Datasheet HTML 4Page - Vishay Siliconix 1210H223 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45006
56
Revision: 11-Nov-08
VJ X8R Dielectric
Vishay Vitramon
Surface Mount Multilayer Ceramic Chip Capacitors
for High Temperature Applications
Notes:
(1) DC voltage rating should not be exceeded in application
(2) Process Code may be added with up to three digits, used to control non-standard products and requirements.
I.e. “A2” temporarily used to identify manufacturing plant.
ORDERING INFORMATION
VJ0805
H
102
K
X
A
A
T
### (2)
CASE
CODE
DIELECTRIC
CAPACITANCE
NOMINAL CODE
CAPACITANCE
TOLERANCE
TERMINATION
DCVOLTAGE
RATING (1)
MARKING
PACKAGING
PROCESS
CODE
0603
0805
1206
1210
H = X8R
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
102 = 1000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
X = Ni barrier
100 % tin
plated.
F = AgPd
X = 25 V
A = 50 V
A = Unmarked
M = Marked
Note: Marking
is only available
for 0805 and
1206
T = 7" reel/plastic tape
C = 7" reel/paper tape
R = 11 1/4"/13" reel/plastic tape
P = 11 1/4"/13" reel/paper tape
O = 7" reel flamed paper tape
I = 11 1/4"/13" reel flamed paper tape
Note: “I” and “O” are used for “F” termination
DIMENSIONS in inches [millimeters]
EIA STYLE
PART
ORDERING
NUMBER
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS
(T)
TERMINATION
MINIMUM
MAXIMUM
0603
VJ0603
0.063 ± 0.005
[1.60 ± 0.12]
0.031 ± 0.005
[0.80 ± 0.12]
0.036
[0.92]
0.012
[0.30]
0.018
[0.46]
0805
VJ0805
0.079 ± 0.008
[2.00 ± 0.20]
0.049 ± 0.008
[1.25 ± 0.20]
0.057
[1.45]
0.010
[0.25]
0.028
[0.71]
1206
VJ1206
0.126 ± 0.008
[3.20 ± 0.20]
0.063 ± 0.008
[1.60 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
1210
VJ1210
0.126 ± 0.008
[3.20 ± 0.20]
0.098 ± 0.008
[2.50 ± 0.20]
0.067
[1.70]
0.010
[0.25]
0.028
[0.71]
L
W
T
MAX.
P


Similar Part No. - 1210H223

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210H223JA11A AVX-1210H223JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H223JA13A AVX-1210H223JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H223JA19A AVX-1210H223JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H223JAT1A AVX-1210H223JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210H223JAT3A AVX-1210H223JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1210H223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJX8R VISHAY-VJX8R_11 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 08-Aug-11
VJX8R VISHAY-VJX8R_14 Datasheet
103Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Temperature Applications
Revision: 26-Aug-14
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
   Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Vishay Siliconix
VJ0603 VISHAY-VJ0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0402A VISHAY-VJ0402A Datasheet
342Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 20-Feb-08
VJHI-REL VISHAY-VJHI-REL Datasheet
135Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
Revision: 15-May-12
VJHI-REL VISHAY-VJHI-REL_V01 Datasheet
173Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Reliability Applications
01-Jan-2023
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ0402Y102KXAAC31 VISHAY-VJ0402Y102KXAAC31 Datasheet
183Kb / 21P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications
Revision: 05-Aug-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com