Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF8JT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UGF8JT
Description  High Voltage Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGF8JT Datasheet(HTML) 4 Page - Vishay Siliconix

  UGF8JT Datasheet HTML 1Page - Vishay Siliconix UGF8JT Datasheet HTML 2Page - Vishay Siliconix UGF8JT Datasheet HTML 3Page - Vishay Siliconix UGF8JT Datasheet HTML 4Page - Vishay Siliconix UGF8JT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UG(F,B)8HT & UG(F,B)8JT
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88767
Revision: 12-Nov-07
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AC
CASE
PIN 2
PIN 1
0.635 (16.13)
0.625 (15.87)
0.415 (10.54) MAX.
0.154 (3.91) DIA.
0.148 (3.74) DIA.
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
PIN
12
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.037 (0.94)
0.027 (0.68)
0.205 (5.20)
0.195 (4.95)
0.022 (0.56)
0.014 (0.36)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.145 (3.68)
0.135 (3.43)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
ITO-220AC
PIN
1
2
0.025 (0.64)
0.015 (0.38)
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.076 (1.93) REF.
45° REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.191 (4.85)
0.171 (4.35)
0.057 (1.45)
0.045 (1.14)
0.671 (17.04)
0.651 (16.54)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
7° REF.
7° REF.
0.350 (8.89)
0.330 (8.38)
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
TO-263AB
Mounting Pad Layout
0.670 (17.02)
0.591 (15.00)
0.105 (2.67)
0.095 (2.41)
0.08 (2.032) MIN.
0.15 (3.81) MIN.
0.33 (8.38) MIN.
0.42 (10.66) MIN.
12
K
K
0.140 (3.56)
0.110 (2.79)
0.021 (0.53)
0.014 (0.36)
0.110 (2.79)
0.090 (2.29)
0 to 0.01 (0 to 0.254)
0.055 (1.40)
0.047 (1.19)
0.055 (1.40)
0.045 (1.14)
0.190 (4.83)
0.160 (4.06)
0.205 (5.20)
0.195 (4.95)
0.624 (15.85)
0.591 (15.00)
0.037 (0.940)
0.027 (0.686)
0.105 (2.67)
0.095 (2.41)
0.360 (9.14)
0.320 (8.13)
0.411 (10.45)
0.380 (9.65)
0.245 (6.22)
MIN.


Similar Part No. - UGF8JT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
UGF8JT GE-UGF8JT Datasheet
135Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER
logo
Vishay Siliconix
UGF8JT-E3/45 VISHAY-UGF8JT-E3/45 Datasheet
142Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 24-Jun-2019
UGF8JTHE3_A/P VISHAY-UGF8JTHE3_A/P Datasheet
142Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 24-Jun-2019
More results

Similar Description - UGF8JT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com