Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH4PBC Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UH4PBC
Description  High Current Density Surface Mount Ultrafast Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH4PBC Datasheet(HTML) 1 Page - Vishay Siliconix

  UH4PBC Datasheet HTML 1Page - Vishay Siliconix UH4PBC Datasheet HTML 2Page - Vishay Siliconix UH4PBC Datasheet HTML 3Page - Vishay Siliconix UH4PBC Datasheet HTML 4Page - Vishay Siliconix UH4PBC Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
New Product
UH4PBC, UH4PCC & UH4PDC
Vishay General Semiconductor
Document Number: 88991
Revision: 30-Jul-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
High Current Density Surface Mount Ultrafast Rectifiers
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Oxide planar chip junction
• Ultrafast recovery times for high frequency
• Low forward voltage drop, low power loss
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
• Halogen-free
MECHANICAL DATA
Case: TO-277A (SMPC)
Molding compound meets UL 94V-0 flammability
rating.
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC-Q101 qualified)
Base P/N-M3 - halogen-free and RoHS compliant,
commercial grade
Base P/NHM3 - halogen-free and RoHS compliant,
high reliability/automotive grade (AEC-Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 and M3 suffix meets JESD 201 class 1A whisker
test, HE3 and HM3 suffix meets JESD 201 class 2
whisker test
TYPICAL APPLICATIONS
For
use
in
high
frequency
rectification
and
freewheeling application in switching mode converters
and inverters for consumer computer, automotive and
telecommunication applications.
PRIMARY CHARACTERISTICS
IF(AV)
2 x 2.0 A
VRRM
100 V, 150 V, 200 V
IFSM
40 A
trr
25 ns
VF at IF = 2.0 A
0.77 V
TJ max.
175 °C
TO-277A (SMPC)
K
2
1
Anode 1
Anode 2
Cathode
K
eSMPTM Series
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH4PBC
UH4PCC
UH4PDC
UNIT
Device marking code
H4BC
H4CC
H4DC
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified
current (Fig. 1)
total device
per diode
IF(AV)
4.0
2.0
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load per diode
IFSM
40
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - UH4PBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH4PBC VISHAY-UH4PBC Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
UH4PBC VISHAY-UH4PBC Datasheet
93Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
02-Oct-12
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
UH4PBC VISHAY-UH4PBC_V01 Datasheet
93Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
02-Oct-12
More results

Similar Description - UH4PBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
ES1PB VISHAY-ES1PB_15 Datasheet
93Kb / 6P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Feb-15
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com