Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMK55N Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMK55N
Description  Single Value Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMK55N Datasheet(HTML) 1 Page - Vishay Siliconix

  RMK55N Datasheet HTML 1Page - Vishay Siliconix RMK55N Datasheet HTML 2Page - Vishay Siliconix RMK55N Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Single Value Chip Resistors
RMK 55N, 515N
Vishay Sfernice
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 60071
32
Revision: 06-Oct-08
The demand for high precision, high stability resistive chips
for incorporating in hybrid micro-circuits has increased and
is catered for by the comprehensive range of VISHAY micro
and minichips.
The super stable RMK nickel chromium resistive film has
transformed the performances and characteristics of micro
resistive chips bringing a “new state-of-the-art” to the
technology. A variety of substrates are available in silicon,
alumina, to ensure the best possible characteristics
compatible with your application needs.
Precision wafer laser trimming is employed to trim each
resistor to precise tolerance.
FEATURES
• Precise tolerance from ± 0.01 % to ± 1 %
• Wide resistance ranges from 1 kΩ to 2 MΩ
• Low temperature coefficient ± 10 ppm/°C max.
• Excellent stability < 500 ppm (2000 h, at
+ 70 °C under Pn)
• Wirebondable
TYPICAL PERFORMANCE
SCHEMATIC AND PATTERN
Note:
(1) For temperature up to 200 °C, please contact factory
* Please see document “Vishay Green and Halogen-Free Definitions (5-2008)” http://www.vishay.com/doc?99902
Actual Size
ABS
TCR
5 ppm/°C
TOL.
0.01 %
R
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
ULTRAFILM®
Resistance range
1 k
Ω to 750 kΩ
1 k
Ω to 2 MΩ
RMK 55
RMK 515
Absolute TCR:
± 5 ppm/°C
± 10 ppm/°C
0 to + 70 °C
- 55 °C to + 155 °C
Absolute tolerance:
0.01 % to 1 %
Stability:
ΔR/R
± 0.03 %
2000 h Pn at + 70 °C
Voltage coefficient
< 0.1 ppm/V
Working voltage
100 V
Operating temperature range
- 55 °C to + 155 °C (1)
Storage temperature range
- 55 °C to + 155 °C
Noise
< - 35 dB typical
Thermal EMF
< 0.01 µV/°C
Shelf life stability
50 ppm
1 year at + 25 °C
Power rating
250 mW (RMK 55)/500 mW (RMK515)
125 mW (RMK 55)/250 mW (RMK 515)
25 °C
70 °C


Similar Part No. - RMK55N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMK55N VISHAY-RMK55N_15 Datasheet
88Kb / 4P
   Wirebondable High Precision Single Value Thin Film Chip Resistors
Revision: 26-Mar-13
More results

Similar Description - RMK55N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMK22N VISHAY-RMK22N Datasheet
85Kb / 3P
   Single Value Chip Resistors
Revision: 11-Mar-14
CS22 VISHAY-CS22_15 Datasheet
76Kb / 3P
   Single Value Wirebondable Thin Film Chip Resistors
Revision: 21-Nov-13
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
   Low Value Chip Resistors
CRL BOURNS-CRL Datasheet
225Kb / 3P
   Low Value Chip Resistors
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
   Low Value 3W Chip Resistors
logo
TT Electronics.
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
   Low Value 3W Chip Resistors
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
   Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
   LOW Value 3W Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com