Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS02C10R00FE12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS02C10R00FE12
Description  Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS02C10R00FE12 Datasheet(HTML) 1 Page - Vishay Siliconix

  RS02C10R00FE12 Datasheet HTML 1Page - Vishay Siliconix RS02C10R00FE12 Datasheet HTML 2Page - Vishay Siliconix RS02C10R00FE12 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RS, NS
Vishay Dale
www.vishay.com
124
Document Number 30204
Revision 22-Mar-06
For technical questions, contact ww2bresistors@vishay.com
FEATURES
• High temperature coating (> 350 °C)
• Complete welded construction
• Meets applicable requirements of MIL-PRF-26
• Available in non-inductive styles (type NS) with
Aryton-Perry winding for lowest reactive components
• Excellent stability in operation (typical resistance
shift < 0.5 %)
• Lead (Pb)-Free version is RoHS Compliant
Wirewound Resistors, Military, MIL-PRF-26 Qualified,
Type RW, Precision Power, Silicone Coated
** Available tolerance for these Mil parts is ± 5 % for 1 Ω and above, ± 10 % below 1 Ω.
***Available tolerance for these Mil parts is ± 0.5 % & ± 1 % for resistance values 0.1 Ω and above, ± 0.1 % for resistance values 0.499 Ω and above.
****Vishay Dale RS models have two power ratings depending on operation temperature and stability requirements.
NOTE: Shaded area indicates most popular models.
STANDARD ELECTRICAL SPECIFICATIONS
RESISTANCE RANGE
MIL. RANGE SHOWN IN BOLD FACE
UV
± 0.05 % ± 3 % thru
± 3 %, ± 5 %,
TYPE
thru
± 5 %
± 10 %
± 0.05 %
± 0.1 %
± 0.25 %
± 0.5 % & ± 1 %
± 10 %
g
RS1/8
RS-18
0.125
0.1 - 950
0.1 - 950
0.15
RS1/4
RS-1/4
0.4
1 - 1 k
0.499 - 1k
0.499 - 3.4 k
0.1 - 3.4 k
0.1 - 3.4 k
0.21
RS1/2
RS-1/2
0.75
1 - 1.3 k
0.499 - 1.3k
0.499 - 4.9 k
0.1 - 4.9 k
0.1 - 4.9 k
0.23
RS01A
RS-1A
1.0
1 - 2.74 k
0.499 - 2.74 k 0.499 - 10.4 k
0.1 - 10.4 k
0.1 - 10.4 k
0.34
RS01A...300 RS-1A-300
RW70***
1.0
0.499 - 2.74 k 0.499 - 10.4 k
0.1 - 10.4 k
0.1 - 10.4 k
0.34
1.0
0.1 - 2.74 k
RS01M
RS-1M
1.0
1 - 1.32 k
0.499 - 1.67 k 0.499 - 6.85 k
0.1 - 6.85 k
0.1 - 6.85 k
0.30
RS002
RS-2
4.0
5.5
0.499 - 12.7 k 0.499 - 12.7 k 0.1 - 47.1 k
0.1 - 47.1 k
0.1 - 47.1 k
2.10
RS02M
RS-2M
3.0
0.499 - 4.49 k 0.499 - 4.49 k 0.1 - 18.74 k
0.1 - 18.74 k
0.1 - 18.74 k
0.65
RS02B
RS-2B
3.0
3.75
0.499 - 6.5 k
0.499 - 6.5 k
0.1 - 24.5 k
0.1 - 24.5 k
0.1 - 24.5 k
0.70
RS02B...300 RS-2B-300
RW79***
3.0
_
0.499 - 6.5 k
0.1 - 24.5 k
0.1 - 24.5 k
0.1 - 24.5 k
0.70
3.0
——
0.1 - 6.49 k
RS02C
RS-2C
2.5
3.25
0.499 - 8.6 k
0.499 - 8.6 k
0.1 - 32.3 k
0.1 - 32.3 k
0.1 - 32.3 k
1.6
RS02C...17
RS-2C-17
2.5
3.25
0.499 - 6.8 k
0.499 - 8.6 k
0.1 - 32.3 k
0.1 - 32.3 k
0.1 - 32.3 k
1.6
RS02C...23
RS-2C-23
RW69**
3.25
——
0.1 - 32.3 k
16
3.0
0.1 - 2.0 k
RS005
RS-5
5.0
6.5
0.499 - 25.7 k 0.499 - 25.7 k 0.1 - 95.2 k
0.1 - 95.2 k
0.1 - 95.2 k
4.2
RS005...69
RS-5-69
RW74***
5.0
0.499 - 25.7 k 0.1 - 95.2 k
0.1 - 95.2 k
0.1 - 95.2 k
4.2
5.0
0.1 - 24.3 k
RS005...70
RS-5-70
RW67**
6.5
——
0.1 - 95.2 k
4.2
6.5
0.1 - 8.2 k
RS007
RS-7
7.0
9.0
0.499 - 41.4 k 0.499 - 41.4 k
0.1 - 154 k
0.1 - 154 k
0.1 - 154 k
4.7
RS010
RS-10
10.0
13.0
0.499 - 73.4 k 0.499 - 73.4 k
0.1 - 273 k
0.1 - 273 k
0.1 - 273 k
9.0
RS010...38
RS-10-38
RW78***
10.0
0.499 - 73.4 k
0.1 - 273 k
0.1 - 273 k
0.1 - 273 k
9.0
10.0
0.1 - 71.5 k
RS010...39
RS-10-39
RW68**
13.0
——
0.1 - 273 k
9.0
11.0
0.1 - 20 k
POWER RATING****
P
25
°C W
WEIGHT
(Typical)
MIL-PRF-26
HISTORICAL
MODEL
GLOBAL
MODEL
Available
Pb-free
RoHS*
COMPLIANT
e3
* Pb containing terminations are not RoHS compliant, exemptions may apply
GLOBAL MODEL
RESISTANCE
TOLERANCE CODE
PACKAGING
SPECIAL
VALUE
(See Standard
Electrical
Specifications Global
Model column
for options)
R = Decimal
A = ± 0.05 % B = ± 0.1 %
E70 = Lead (Pb)-free,Tape/Reel (smaller than RS005)
(Dash Number)
K = Thousand
C = ± 0.25 % D = ± 0.5 %
E73 = Lead (Pb)-free, Tape/Reel (RS005 & larger)
(up to 3 digits)
15R00 = 15
F = ± 1.0 %
J = ± 5.0 %
E12 = Lead (Pb)-free, Bulk
From 1-999
10K00 = 10 k
K = 10.0 %
Lead (Pb)-free is not available on RW military type
as applicable
S70 = Tin/Lead, Tape/Reel (smaller than RS005)
S73 = Tin/Lead, Tape/Reel (RS005 & larger)
B12 = Tin/Lead, Bulk
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: RS02C10K00FS7017 (preferred part numbering format)
R
S
0
2
C
1
0K
0
0
FS
7
0
1
7
Historical Part Number example: RS-2C-17
10 k
1 %
S70
(will continue to be accepted)
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
RS-2C-17
10 k
1 %
S70


Similar Part No. - RS02C10R00FE12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS02C10K00AB127 VISHAY-RS02C10K00AB127 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C10K00AE1217 VISHAY-RS02C10K00AE1217 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C10K00AE127 VISHAY-RS02C10K00AE127 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C10K00AE7017 VISHAY-RS02C10K00AE7017 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
RS02C10K00AE707 VISHAY-RS02C10K00AE707 Datasheet
179Kb / 3P
   Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
Revision: 23-May-13
More results

Similar Description - RS02C10R00FE12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
ERH VISHAY-ERH Datasheet
230Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 29-May-08
RER VISHAY-RER Datasheet
172Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Jun-16
RH005 VISHAY-RH005 Datasheet
221Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 11-Jul-07
ESS VISHAY-ESS_08 Datasheet
170Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39007 Qualified, Type RWR, R Level
Revision: 22-Oct-08
RE60G VISHAY-RE60G Datasheet
186Kb / 5P
   Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
Revision: 04-Sep-2019
RER65F7500R VISHAY-RER65F7500R Datasheet
175Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-Feb-11
RER70F VISHAY-RER70F Datasheet
168Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 23-May-13
RERMIL VISHAY-RERMIL Datasheet
158Kb / 3P
   Wirewound Resistors, Military/Established Reliability MIL-PRF-39009 Qualified, Type RER, R Level
Revision: 11-Nov-15
RN55D5621F VISHAY-RN55D5621F Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
Revision: 02-May-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com