Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WIEL1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WIEL1
Description  Inverter for EL Panel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WIEL1 Datasheet(HTML) 1 Page - Vishay Siliconix

  WIEL1 Datasheet HTML 1Page - Vishay Siliconix WIEL1 Datasheet HTML 2Page - Vishay Siliconix WIEL1 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
155
Inverter for EL Panel
Vishay
Document Number: 37286
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
PART NUMBER: WIEL 1
Input DC
5V
± 10%
Output DC
90Vrms
± 15%
Input Current
95mA max
EL Area
84cm
2
Operating Temp
- 20
°C ~ 70°C
Storage Temp
- 30
°C ~ 80°C
Inverter for EL Panel
PIN NUMBER
DESCRIPTION
1
Input DC Voltage
G
DC/AC ground
O
Output AC Voltage
PART NUMBER: WIEL 2
Input DC
5V
± 10%
Output DC
80Vrms
± 15%
Input Current
60mA max
EL Area
30 ~ 80cm
2
Operating Temp
- 20
°C ~ 70°C
Storage Temp
- 30
°C ~ 80°C
PIN NUMBER
DESCRIPTION
1
Input DC Voltage
G
DC/AC ground
O
Output AC Voltage
O
G
I
22.0
5.0
10.0
G
O
I
TOLERANCE:
± 0.5mm
31.0
4.5
20.0
G
O
I
TOLERANCE:
± 0.5mm
E5652Z


Similar Description - WIEL1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM2007 ETC1-ELM2007 Datasheet
110Kb / 2P
   EL INVERTER
NDL-104LP ETC2-NDL-104LP Datasheet
263Kb / 1P
   SELF-EXCITED INVERTER FOR ELECTORULUMINESCENT (EL) LIGHT
logo
SparkFun Electronics
COM-12933 SPARKFUN-COM-12933 Datasheet
97Kb / 1P
   EL Inverter - 3v (Chasing)
11/24/2015
COM-11222 SPARKFUN-COM-11222 Datasheet
103Kb / 2P
   EL Inverter - Battery Pack
11/24/2015
logo
Axiomtek Co., Ltd.
IV-04N-300 AXIOMTEK-IV-04N-300 Datasheet
183Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-800 AXIOMTEK-IV-02N-800 Datasheet
184Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-300 AXIOMTEK-IV-02N-300 Datasheet
160Kb / 1P
   High efficiency Inverter for LCD panel
logo
Rohm
BA3899F ROHM-BA3899F Datasheet
100Kb / 8P
   EL driver for portable sets
logo
NTE Electronics
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
   AC Power Supply for EL Wire
logo
Mitsumi Electronics, Co...
MM1365 MITSUMI-MM1365 Datasheet
111Kb / 4P
   Step-Up IC For EL Backlights
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com