Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN0801X104MTB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCN0801X104MTB
Description  Capacitors Networks, Coated SIP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCN0801X104MTB Datasheet(HTML) 1 Page - Vishay Siliconix

  TCN0801X104MTB Datasheet HTML 1Page - Vishay Siliconix TCN0801X104MTB Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
For technical questions, contact: te1resistors@vishay.com
Document Number: 68003
1
Revision: 17-Mar-08
TCN
Vishay Techno
Capacitors Networks, Coated SIP
FEATURES
• NP0 or X7R capacitors for line terminator
• Wide operating temperature range (- 55 °C to 125 °C)
• Epoxy based conformal coating
• Solder coated copper terminals
• Solderability per MIL-STD-202 method 208E
Marking resistance to solvents per MIL-STD-202 method 215
Notes
(1) NP0 capacitors may be substituted for X7R capacitors
(2) Tighter tolerances available on request
Note
• Custom schematics available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SCHEMATIC
CAPACITANCE RANGE
CAPACITANCE TOLERANCE (2)
± %
CAPACITANCE VOLTAGE
VDC
NPO (1)
X7R
TCN
01
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 %, ± 20 %
50
02
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 %, ± 20 %
50
09
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 %, ± 20 %
50
SCHEMATICS
CC
C
C
C
n
n-1
4
3
2
1
SCHEMATIC 01
CC
C
n
n-1
4
3
2
1
SCHEMATIC 02
1
CC
C
C
n
n-1
4
3
2
SCHEMATIC 09
DIMENSIONS in inches [millimeters]
NUMBER
OF PINS
A
(Max.)
B
± 0.005 [0.127]
C
(Max.)
6
0.590 [14.99]
0.500 [12.70]
0.350 [8.89]
7
0.690 [17.53]
0.600 [15.24]
0.350 [8.89]
8
0.790 [20.07]
0.700 [17.78]
0.350 [8.89]
9
0.890 [22.61]
0.800 [20.32]
0.350 [8.89]
10
0.990 [25.15]
0.900 [22.86]
0.350 [8.89]
11
1.09 [27.69]
1.00 [25.40]
0.350 [8.89]
12
1.19 [30.23]
1.10 [27.94]
0.350 [8.89]
0.130 [3.30]
Max.
0.010
0.002
[0.254
0.051]
(Seating
Plane)
0.020
0.002
[0.508
0.051]
0.100
0.005
[2.54
0.127]
Non-Cumulative
0.125
0.015
[3.18
0 .381]
C
Max.
A Max.
B
Pin #1 Identifier
±
±
±
±
±
±
±
±
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: TCN0801N101KTB (preferred part number format)
GLOBAL
MODEL
PIN
COUNT
SCHEMATIC
CHARACTERISTICS
CAPACITANCE
VALUE
TOLERANCE
TERMINAL
FINISH
PACKAGING
TCN
06 = 6 pin
07 = 7 pin
08 = 8 pin
09 = 9 pin
10 = 10 pin
11 = 11 pin
12 = 12 pin
01
02
09
N = NP0
X = X7R
(in picofarads)
2 digit significant
figure, followed by
a multiplier
101 = 100 pF
392 = 3000 pF
104 = 0.1 µF
K = 10 %
M = 20 %
T = Sn90/Pb10
B = Bulk
Historical Part Numbering: TCN0801101KS10 (will continue to be accepted)
TCN
08
01
101
K
S10
HISTORICAL
MODEL
PIN COUNT
SCHEMATIC
CAPACITANCE
VALUE
TOLERANCE
TERMINAL FINISH
0801
101
N
CN
KB
T
T


Similar Part No. - TCN0801X104MTB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCN AVX-TCN Datasheet
990Kb / 6P
   Highest CV/cc Conductive Polymer Chip Capacitors Undertab
logo
Mini-Circuits
TCN1-10 MINI-TCN1-10 Datasheet
209Kb / 1P
   Ceramic RF Transformer
TCN1-10 MINI-TCN1-10 Datasheet
217Kb / 1P
   Ceramic Balun RF Transformer
TCN1-10++ MINI-TCN1-10+ Datasheet
209Kb / 1P
   Ceramic RF Transformer
TCN1-10++ MINI-TCN1-10+ Datasheet
217Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN0801X104MTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
logo
New Jersey Semi-Conduct...
DAP NJSEMI-DAP Datasheet
418Kb / 1P
   SIP NETWORKS
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
M85331JXX BITECH-M85331JXX Datasheet
55Kb / 4P
   Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
New Jersey Semi-Conduct...
DAN401 NJSEMI-DAN401 Datasheet
30Kb / 1P
   SIP NETWORKS
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com