Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP3386Y2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # MKP3386Y2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3386Y2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP3386Y2 Datasheet HTML 6Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 7Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 8Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 9Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 10Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 11Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 12Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 13Page - Vishay Siliconix MKP3386Y2 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Document Number: 28114
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 10-Oct-08
167
MKP 338 6 Y2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Note
(1) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
short leads
long leads
lt = 3.5
± 0.3 mm
lt = 5.0
±1.0 mm
SPQ
lt = 25.0
± 2.0 mm
SPQ
H = 18.5 mm;
P0 =12.7mm
SPQ
reel:
Ø = 500 mm
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Pitch = 15.0 ± 0.4 mm; dt = 0.60 ± 0.06 mm
0.0068
5.0 x 11.0 x 17.5
1.0
68258
68284
1000
68309
1000
68381
1100
0.0082
68259
68285
68311
68382
0.01
68261
68286
68312
68383
0.012
6.0 x 12.0 x 17.5
1.4
68262
68287
68313
68384
900
0.015
68263
68288
68314
68385
Pitch = 15.0 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.018
7.0 x 13.5 x 17.5
1.8
68264
68289
750
68315
500
68386
800
0.022
68265
68291
68316
68387
0.027
8.5 x 15.0 x 17.5
2.4
68266
68292
68317
68388
650
0.033
68267
68293
68318
68389
0.039
10.0 x 16.5 x 17.5
3.0
68268
68294
500
68319
450
68391
600
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.047
7.0 x 16.5 x 26.0
2.9
68269
68295
200
68321
250
0.056
8.5 x 18.0 x 26.0
3.8
68271
68296
68322
0.068
68272
68297
68323
0.082
10.0 x 19.5 x 26.0
6.8
68273
68298
68324
200
0.1
12.0 x 22.0 x 26.0
7.8
68274
68299
150
68325
0.12
68275
68301
68326
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.15
13.0 x 23.0 x 31.0
9.2
68276
68302
100
68327
125
0.18
68277
68303
68328
0.22
15.0 x 25.0 x 31.0
12.3
68278
68304
68329
0.27
18.0 x 28.0 x 31.0
16.1
68279
68305
68331
100
0.33
68281
68306
68332
0.39
21.0 x 31.0 x 31.0
20.3
68282
68307
50
68333
75


Similar Part No. - MKP3386Y2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKP3386Y2 ETC1-MKP3386Y2 Datasheet
522Kb / 17P
   Interference suppression film capacitors
logo
Vishay Siliconix
MKP3386Y2 VISHAY-MKP3386Y2 Datasheet
195Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP3386Y2 VISHAY-MKP3386Y2_10 Datasheet
195Kb / 20P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
More results

Similar Description - MKP3386Y2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com