Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S102J Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S102J
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S102J Datasheet(HTML) 1 Page - Vishay Siliconix

  S102J Datasheet HTML 1Page - Vishay Siliconix S102J Datasheet HTML 2Page - Vishay Siliconix S102J Datasheet HTML 3Page - Vishay Siliconix S102J Datasheet HTML 4Page - Vishay Siliconix S102J Datasheet HTML 5Page - Vishay Siliconix S102J Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document Number: 63001
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 20-Nov-07
1
S Series
Vishay Foil Resistors
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Any value at any tolerance available within resistance range
INTRODUCTION
Bulk Metal® Foil (BMF) technology outperforms all other
resistor technologies available today for applications that
require high precision and high stability.
This technology has been pioneered and developed by
VISHAY, and products based on this technology are the
most suitable for a wide range of applications. BMF
technology allows us to produce customer orientated
products, designed to satisfy challenging and specific
technical requirements.
Model S Series made from Vishay BMF offers low TCR,
excellent load life stability, tight tolerance, fast response
time, low current noise, low thermal EMF and low voltage
coefficient, all in one resistor.
The S Series is virtually insensitive to destabillizing factors.
The resistor element is a solid alloy that displays the
desirable bulk properties of its parent material, thus it is
inherently stable and noise free.
Vishay’s Bulk Metal® S Series resistors are the modern
generation of precision resistors. The standard design of
these
resistors
provides
a
unique
combination
of
characteristics found in no other single resistor.
Our Application Engineering Department is available to
advise and to make recommendations. For non-standard
technical requirements and special applications, please
contact us.
FEATURES
• Temperature coefficient of resistance (TCR):
- 55 °C to + 125 °C, 25 °C ref.
− S102C series: ± 2 ppm/°C typical (see table 1)
− S102K series: ± 1 ppm/°C typical (see table 1)
• Rated power: to 1 W at + 125 °C
• Tolerance: ± 0.005 %
• Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated
power
• Resistance range: 0.5 Ω to 1 MΩ (higher or lower values of
resistance are available)
• Electrostatic discharge above 25 000 V
• Non inductive, non capacitive design
• Rise time: 1 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Low inductance: < 0.08 µH typical
• Non hot spot design
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Matched sets are available per request
(TCR Tracking: to 0.5 ppm/°C)
For better TCR and PCR performances please review the
Z201 datasheet
APPLICATIONS
• High precision amplifiers
• Down-hole (high temperature)
• High precision instrumentation
• Medical and test equipment
• Industrial
• Audio (high end stereo equipment)
• EB applications (electron beam scanning and recording
equipment, electron microscopes)
• Military, airborne
• Measurement instrumentation
* Pb containing terminations are not RoHS compliant, exemptions may apply
TABLE 1 - RESISTANCE VERSUS TCR
(- 55 °C to + 125 °C, + 25 °C Ref.)
RESISTOR
RESISTANCE
VALUE (
Ω)
TYPICAL TCR AND
MAX SPREAD
(ppm/°C)
S102(C)
80 to < 150K
± 2 ± 2.5
S102(K)
80 to < 100K
± 1 ± 2.5
S102(C)
50 to < 80
± 2 ± 3.5
S102(K)
± 1 ± 3.5
S102(C)
1 to < 50
± 2 ± 4.5
S102(K)
± 1 ± 4.5
FIGURE 1 - FOIL RESISTOR TCR COMPARISON OF
FOIL ALLOYS IN MILITARY RANGE
Available
Pb-free
RoHS*
COMPLIANT
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100
+ 125
- 55
C Alloy
2 ppm/
°C
K Alloy
1 ppm/
°C
1 ppm/
°C
2 ppm/
°C
+ 150
+ 100
+ 50
0
- 50
- 100
- 150
- 200
ΔR
R
(ppm)
Temperature (°C)


Similar Part No. - S102J

ManufacturerPart #DatasheetDescription
logo
C&K Components
S102 CK-COMPONENTS-S102 Datasheet
340Kb / 5P
   Slide Switches
S102 CK-COMPONENTS-S102 Datasheet
340Kb / 5P
   S Series Slide Switches
S102 CK-COMPONENTS-S102 Datasheet
679Kb / 5P
   Slide Switches
logo
List of Unclassifed Man...
S102-1G ETC2-S102-1G Datasheet
166Kb / 4P
   THERMAL DELAY SWITCHES
S102/1G ETC2-S102/1G Datasheet
166Kb / 4P
   THERMAL DELAY SWITCHES
More results

Similar Description - S102J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
Revision: 26-Mar-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com