Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SAC45
Description  Low Capacitance TRANSZORB® Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SAC45 Datasheet(HTML) 1 Page - Vishay Siliconix

  SAC45 Datasheet HTML 1Page - Vishay Siliconix SAC45 Datasheet HTML 2Page - Vishay Siliconix SAC45 Datasheet HTML 3Page - Vishay Siliconix SAC45 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAC5.0 thru SAC50
Vishay General Semiconductor
Document Number: 88379
Revision: 20-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Low Capacitance TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• Excellent clamping capability
• 500 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate
(duty cycle): 0.01 %
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use
in
sensitive
electronics
protection
against
voltage transients induced by inductive load switching
and lighting on ICs, MOSFET, signal lines of sensor
units
for
consumer,
computer,
industrial
and
telecommunication.
MECHANICAL DATA
Case: DO-204AC, molded epoxy over passivated body
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes TVS cathode end
PRIMARY CHARACTERISTICS
VWM
5.0 V to 50 V
PPPM
500 W
PD
3.0 W
TJ max.
175 °C
DO-204AC (DO-15)
Note:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1)
PPPM
500
W
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 2)
PD
3.0
W
Peak pulse power surge current with a 10/1000 µs waveform (Fig. 3) (1)
IPPM
See next table
A
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


Similar Part No. - SAC45

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC45 EIC-SAC45 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC45 MERITEK-SAC45 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC45 SPSEMI-SAC45 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC45 MICROSEMI-SAC45 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC45 MCC-SAC45 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC45

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LCE28A VISHAY-LCE28A Datasheet
93Kb / 5P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
LCE28A VISHAY-LCE28A_12 Datasheet
80Kb / 4P
   Low Capacitance TRANSZORB® Transient Voltage Suppressors
Revision: 22-Nov-11
logo
Rectron Semiconductor
SAC5.0 RECTRON-SAC5.0 Datasheet
298Kb / 3P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
BSAC5.0 RECTRON-BSAC5.0 Datasheet
414Kb / 5P
   LOW CAPACITANCE TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SAC12-E3 VISHAY-SAC12-E3 Datasheet
81Kb / 4P
   Low Capacitance TRANSZORB Transient Voltage Suppressors
Revision: 18-Nov-13
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com