Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D228F6R3GE1C Datasheet(PDF) 8 Page - Vishay Siliconix

Part # U673D228F6R3GE1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D228F6R3GE1C Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button U673D228F6R3GE1C Datasheet HTML 4Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 5Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 6Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 7Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 8Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 9Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 10Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 11Page - Vishay Siliconix U673D228F6R3GE1C Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Document Number: 42057
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-08
439
U673D and U674D
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
Vishay Sprague
100 WVDC AT + 105 °C, SURGE = 125 V
150.0
U673D157F100GE1C
0.770 x 1.150 [19.6 x 29.2]
698.0
324.0
1.14
326.0
270.0
U673D277F100GJ1C
0.770 x 1.650 [19.6 x 41.9]
329.0
154.0
1.92
156.0
390.0
U673D397F100GL1C
0.770 x 2.150 [19.6 x 54.6]
221.0
104.0
2.60
106.0
560.0
U673D567F100GP1C
0.770 x 2.650 [19.6 x 67.3]
164.0
78.0
3.39
80.0
680.0
U673D687F100GS1C
0.770 x 3.150 [19.6 x 80.0]
131.0
63.0
3.96
65.0
820.0
U673D827F100GT1C
0.770 x 3.650 [19.6 x 92.7]
110.0
53.0
4.60
54.0
220.0
U673D227F100HE1C
0.895 x 1.150 [22.7 x 29.2]
452.0
212.0
1.55
215.0
390.0
U673D397F100HJ1C
0.895 x 1.650 [22.7 x 41.9]
216.0
103.0
2.57
106.0
680.0
U673D687F100HL1C
0.895 x 2.150 [22.7 x 54.6]
143.0
69.0
3.49
71.0
820.0
U673D827F100HP1C
0.895 x 2.650 [22.7 x 67.3]
107.0
52.0
4.37
53.0
1000.0
U673D108F100HS1C
0.895 x 3.150 [22.7 x 80.0]
89.0
44.0
5.15
45.0
1200.0
U673D128F100HT1C
0.895 x 3.650 [22.7 x 92.7]
76.0
38.0
5.93
39.0
270.0
U673D277F100JE1C
1.020 x 1.150 [25.9 x 29.2]
337.0
162.0
1.95
163.0
560.0
U673D567F100JJ1C
1.020 x 1.650 [25.9 x 41.9]
163.0
79.0
3.17
81.0
820.0
U673D827F100JL1C
1.020 x 2.150 [25.9 x 54.6]
109.0
54.0
4.27
55.0
1200.0
U673D128F100JP1C
1.020 x 2.650 [25.9 x 67.3]
83.0
42.0
5.28
43.0
1500.0
U673D158F100JS1C
1.020 x 3.150 [25.9 x 80.0]
67.0
34.0
6.29
35.0
1800.0
U673D188F100JT1C
1.020 x 3.650 [25.9 x 92.7]
57.0
29.5
7.26
31.0
150 WVDC AT + 105 °C, SURGE = 200 V
56.0
U673D566F150GE1C
0.770 x 1.150 [19.6 x 29.2]
1733.0
881.0
0.694
895.0
100.0
U673D107F150GJ1C
0.770 x 1.650 [19.6 x 41.9]
886.0
450.0
1.12
460.0
180.0
U673D187F150GL1C
0.770 x 2.150 [19.6 x 54.6]
569.0
290.0
1.56
297.0
220.0
U673D227F150GP1C
0.770 x 2.650 [19.6 x 67.3]
419.0
215.0
1.99
220.0
330.0
U673D337F150GS1C
0.770 x 3.150 [19.6 x 80.0]
333.0
170.0
2.41
175.0
390.0
U673D397F150GT1C
0.770 x 3.650 [19.6 x 92.7]
276.0
141.0
2.83
148.0
82.0
U673D826F150HE1C
0.895 x 1.150 [22.7 x 29.2]
1152.0
588.0
0.936
592.0
180.0
U673D187F150HL1C
0.895 x 1.650 [22.7 x 41.9]
579.0
296.0
1.51
300.0
270.0
U673D277F150HL1C
0.895 x 2.150 [22.7 x 54.6]
376.0
193.0
2.09
198.0
390.0
U673D397F150HP1C
0.895 x 2.650 [22.7 x 67.3]
279.0
143.0
2.66
148.0
470.0
U673D477F150HT1C
0.895 x 3.150 [22.7 x 80.0]
222.0
115.0
3.19
120.0
560.0
U673D567F150HT1C
0.895 x 3.650 [22.7 x 92.7]
185.0
96.0
3.74
100.0
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz
ORIGINAL RATINGS
CAPACITANCE
(µF)
PART NUMBER (1)
CASE CODE
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX.
IMPEDANCE
AT 100 kHz
(m
Ω)
120 Hz
20 kHz
20 kHz to
100 kHz
6.3 WVDC at 105 °C, SURGE = 9 V
1500.0
U673D158H6R3GE1C
GE
98.0
69.0
2.48
70.0
2200.0
U673D228H6R3HE1C
HE
71.0
51.0
3.18
52.0
2700.0
U673D278H6R3JE1C
JE
62.0
47.0
3.60
49.0
3900.0
U673D398H6R3HJ1C
HJ
41.0
30.0
4.76
31.0
5600.0
U673D568H6R3JJ1C
JJ
33.0
25.0
5.66
27.0
6800.0
U673D688H6R3GS1C
GS
23.0
18.0
7.40
19.0
8200.0
U673D828H6R3JL1C
JL
23.0
18.0
7.41
20.0
10 000.0
U673D109H6R3HS1C
HS
19.0
15.0
8.85
17.0
12 000.0
U673D129H6R3JP1C
JP
19.0
15.0
8.86
17.0
15 000.0
U673D159H6R3JS1C
JS
15.0
13.0
10.20
14.0
18 000.0
U673D189H6R3JT1C
JT
14.0
12.0
11.40
13.0
Note
(1) For applications requiring single ended, 3 lead capacitors, change the Part Number U673D to Part Number U674D. Type U674D is only
available in terminal style “A”.


Similar Part No. - U673D228F6R3GE1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D228F6R3GE1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com