Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S103M69Z5UP63K7. Datasheet(PDF) 7 Page - Vishay Siliconix

Part # S103M69Z5UP63K7.
Description  Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S103M69Z5UP63K7. Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button S103M69Z5UP63K7. Datasheet HTML 3Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 4Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 5Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 6Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 7Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 8Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 9Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 10Page - Vishay Siliconix S103M69Z5UP63K7. Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number 28515
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision 26-Oct-06
55
HV 1 kV - 6 kV
Ceramic Disc Capacitors
Class 1 and 2, 1/2/3/6 kV General Purpose
Vishay BCcomponents
Notes
1.
Maximum thickness 6.0 mm.
2.
Lead style codes refer to outward kinked leads. Other styles available on request.
3.
All packaged in bulk.
ORDERING INFORMATION, 3 KV (DC), KINKED
C
(pF)
TOL.
(%)
Dmax
(mm)
LEAD SPACING
F
(mm)
SEATED
HEIGHT
(mm)
CLEAR TEXT CODE
16th DIGIT:
R = RoHS COMPLIANT
KINKED
CLASS 1 SL
10
± 10
8.5
7.5
4.0
S100K33SL0R63K7.
15
S150K33SL0R63K7.
22
S220K33SL0R63K7.
33
S330K33SL0R63K7.
47
S470K33SL0R63K7.
68
10.0
S680K39SL0R63K7.
CLASS 2 X7R
100
± 10
8.5
7.5
4.0
S101K33X7RR63K7.
150
S151K33X7RR63K7.
220
S221K33X7RR63K7.
330
S331K33X7RR63K7.
470
S471K33X7RR63K7.
680
10.0
S681K39X7RR63K7.
1000
11.0
S102K43X7RR63K7.
1500
13.5
4.8
S152K53X7RR63K7.
2200
17.5
S222K59X7RR83K7.
CLASS 2 Y5P
100
± 10
8.5
7.5
4.0
S101K33Y5PR63K7.
150
S151K33Y5PR63K7.
220
S221K33Y5PR63K7.
330
S331K33Y5PR63K7.
470
S471K33Y5PR63K7.
680
10.0
S681K39Y5PR63K7.
1000
11.0
S102K43Y5PR63K7.
1500
12.0
4.8
S152K47Y5PR63K7.
2200
15.0
S222K59Y5PR63K7.
3300
19.0
10.0
S332K75Y5PR83K0.
CLASS 2 Z5U
470
± 20
8.5
7.5
4.0
S471M33Z5UR63K7.
680
S681M33Z5UR63K7.
1000
S102M33Z5UR63K7.
1500
10.0
S152M39Z5UR63K7.
2200
11.0
S222M43Z5UR63K7.
3300
13.5
4.8
S332M53Z5UR63K7.
4700
17.5
S472M69Z5UR83K7.
CLASS 2 Y5V
1000
+ 80/- 20
8.5
7.5
4.0
S102Z33Y5VR63K7.
1500
S152Z33Y5VR63K7.
2200
10.0
S222Z39Y5VR63K7.
3300
11.0
S322Z43Y5VR63K7.
4700
12.0
4.8
S472Z47Y5VR63K7.
6800
15.0
S682Z59Y5VR63K7.


Similar Part No. - S103M69Z5UP63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M84Z5US83K0. VISHAY-S103M84Z5US83K0. Datasheet
289Kb / 5P
   Ceramic Disc Capacitors Safety, Class X1/Y2 400/250 V (AC) Series DN
Revision: 12-Dec-06
More results

Similar Description - S103M69Z5UP63K7.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com