Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T90RIA80 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T90RIA80
Description  Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T90RIA80 Datasheet(HTML) 1 Page - Vishay Siliconix

  T90RIA80 Datasheet HTML 1Page - Vishay Siliconix T90RIA80 Datasheet HTML 2Page - Vishay Siliconix T90RIA80 Datasheet HTML 3Page - Vishay Siliconix T90RIA80 Datasheet HTML 4Page - Vishay Siliconix T90RIA80 Datasheet HTML 5Page - Vishay Siliconix T90RIA80 Datasheet HTML 6Page - Vishay Siliconix T90RIA80 Datasheet HTML 7Page - Vishay Siliconix T90RIA80 Datasheet HTML 8Page - Vishay Siliconix T90RIA80 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Document Number: 93756
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 03-Jun-08
1
Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
T..RIA Series
Vishay High Power Products
FEATURES
• Electrically isolated base plate
• Types up to 1200 VRRM
• 3500 VRMS isolating voltage
• Simplified mechanical designs, rapid assembly
• High surge capability
• Large creepage distances
• UL E78996 approved
• RoHS compliant
• Designed and qualified for industrial level
DESCRIPTION
These series of T-modules are intended for general purpose
applications such as battery chargers, welders and plating
equipment, regulated power supplies and temperature and
speed control circuits. The semiconductors are electrically
isolated from the metal base, allowing common heatsinks
and compact assemblies to be built.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
50 A/70 A/90 A
D-55
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
T50RIA
T70RIA
T90RIA
UNITS
IT(AV)
70 °C
50
70
90
A
IT(RMS)
80
110
141
A
ITSM
50 Hz
1310
1660
1780
A
60 Hz
1370
1740
1870
I2t
50 Hz
8550
13 860
15 900
A2s
60 Hz
7800
12 650
14 500
I2
√t
85 500
138 500
159 100
A2
√s
VRRM
Range
100 to 1200
V
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM/VDRM, MAXIMUM REPETITIVE
PEAK REVERSE AND PEAK
OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM/IDRM MAXIMUM
AT TJ = 25 °C
µA
T50RIA
T70RIA
T90RIA
10
100
150
100
20
200
300
40
400
500
60
600
700
80
800
900
100
1000
1100
120
1200
1300


Similar Part No. - T90RIA80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T90RIA80 IRF-T90RIA80 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T90RIA80 VISHAY-T90RIA80 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
More results

Similar Description - T90RIA80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-TRIA VISHAY-VS-TRIA Datasheet
255Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
Revision: 20-Dec-16
VS-T..RIA VISHAY-VS-T..RIA Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-T..RIA VISHAY-VS-T..RIA_V01 Datasheet
252Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2023
T50RIA120S90 VISHAY-T50RIA120S90 Datasheet
254Kb / 13P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
VS-TRIA VISHAY-VS-TRIA_V01 Datasheet
253Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A, 70 A, 90 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA_V01 Datasheet
191Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
01-Jan-2022
VS-50RIA VISHAY-VS-50RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 19-Nov-15
50RIA160MS90 VISHAY-50RIA160MS90 Datasheet
165Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 23-Apr-13
VS-50RIA60 VISHAY-VS-50RIA60 Datasheet
202Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 50 A
Revision: 11-Mar-14
VS-10RIA VISHAY-VS-10RIA_V01 Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors (Stud Version), 10 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com