Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D109F6R3HL1C Datasheet(PDF) 6 Page - Vishay Siliconix

Part # U673D109F6R3HL1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D109F6R3HL1C Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button U673D109F6R3HL1C Datasheet HTML 2Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 3Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 4Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 5Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 6Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 7Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 8Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 9Page - Vishay Siliconix U673D109F6R3HL1C Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Document Number: 42057
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 16-Jul-08
437
U673D and U674D
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
Vishay Sprague
30 WVDC AT + 105 °C, SURGE = 40 V
820.0
U673D827F030GE1C
0.770 x 1.150 [19.6 x 29.2]
156.0
86.0
2.16
89.0
1500.0
U673D158F030GJ1C
0.770 x 1.650 [19.6 x 41.9]
80.0
47.0
3.45
50.0
2200.0
U673D228F030GL1C
0.770 x 2.150 [19.6 x 54.6]
53.0
32.0
4.68
35.0
3300.0
U673D338F030GP1C
0.770 x 2.650 [19.6 x 67.3]
40.0
25.0
5.81
28.0
3900.0
U673D398F030GS1C
0.770 x 3.150 [19.6 x 80.0]
34.0
21.0
6.82
24.0
4700.0
U673D478F030GT1C
0.770 x 3.650 [19.2 x 92.7]
28.8
18.4
7.84
22.0
1200.0
U673D128F030HE1C
0.895 x 1.150 [22.7 x 29.2]
106.0
64.0
2.83
67.0
2700.0
U673D278F030HJ1C
0.895 x 1.650 [22.7 x 41.9]
54.0
33.4
4.51
37.0
3900.0
U673D398F030HL1C
0.895 x 2.150 [22.7 x 54.6]
37.0
23.7
5.97
27.0
4700.0
U673D478F030HP1C
0.895 x 2.650 [22.7 x 67.3]
29.0
18.9
7.31
22.0
6800.0
U673D688F030HS1C
0.895 x 3.150 [22.7 x 80.0]
24.0
16.0
8.57
19.0
8200.0
U673D828F030HT1C
0.895 x 3.650 [22.7 x 92.7]
20.8
14.0
9.75
17.0
1800.0
U673D188F030JE1C
1.020 x 1.150 [25.9 x 29.2]
85.0
53.0
3.39
56.0
3300.0
U673D338F030JJ1C
1.020 x 1.650 [25.9 x 41.9]
43.7
28.0
5.33
31.0
4700.0
U673D478F030JL1C
1.020 x 2.150 [25.9 x 54.6]
30.0
20.0
7.04
23.0
6800.0
U673D688F030JP1C
1.020 x 2.650 [25.9 x 67.3]
23.7
16.2
8.53
20.0
8200.0
U673D828F030JS1C
1.020 x 3.150 [25.9 x 80.0]
19.8
13.8
9.95
17.0
10 000.0
U673D109F030JT1C
1.020 x 3.650 [25.9 x 92.7]
17.3
12.2
11.30
15.0
40 WVDC AT + 105 °C, SURGE = 55 V
560.0
U673D567F040GE1C
0.770 x 1.150 [19.6 x 29.2]
191.0
86.0
2.22
89.0
1000.0
U673D108F040GJ1C
0.770 x 1.650 [19.6 x 41.9]
94.0
47.0
3.57
67.0
1500.0
U673D158F040GL1C
0.770 x 2.150 [19.6 x 54.6]
64.0
32.0
4.80
30.0
1800.0
U673D188F040GP1C
0.770 x 2.650 [19.6 x 67.3]
49.0
25.0
5.92
27.0
2200.0
U673D228F040GS1C
0.770 x 3.150 [19.6 x 80.0]
40.0
21.0
7.00
30.0
2700.0
U673D278F040GT1C
0.770 x 3.650 [19.6 x 92.7]
34.8
18.6
8.02
21.0
680.0
U673D687F040HE1C
0.895 x 1.150 [22.7 x 29.2]
130.0
64.0
3.00
62.0
1500.0
U673D158F040HJ1C
0.895 x 1.650 [22.7 x 41.9]
67.0
33.0
4.54
36.0
2200.0
U673D228F040HL1C
0.895 x 2.150 [22.7 x 54.6]
45.0
23.0
6.05
26.0
3300.0
U673D338F040HP1C
0.895 x 2.650 [22.7 x 67.3]
34.0
18.4
7.41
22.0
3900.0
U673D398F040HS1C
0.895 x 3.150 [22.7 x 80.0]
29.0
16.8
8.63
19.0
4700.0
U673D478F040HT1C
0.895 x 3.650 [22.7 x 92.7]
25.8
14.8
9.85
17.0
1000.0
U673D108F040JE1C
1.020 x 1.150 [25.9 x 29.2]
105.0
53.0
3.41
55.0
2200.0
U673D228F040JJ1C
1.020 x 1.650 [25.9 x 41.9]
51.7
28.0
5.42
30.0
2700.0
U673D278F040JL1C
1.020 x 2.150 [25.9 x 54.6]
36.0
20.0
7.49
23.0
3900.0
U673D398F040JP1C
1.020 x 2.650 [25.9 x 67.3]
28.7
16.0
8.90
19.0
4700.0
U673D478F040JS1C
1.020 x 3.150 [25.9 x 80.0]
23.8
13.0
10.60
17.0
5600.0
U673D568F040JT1C
1.020 x 3.650 [25.9 x 92.7]
20.3
12.0
11.40
16.0
50 WVDC AT + 105 °C, SURGE = 75 V
390.0
U673D397F050GE1C
0.770 x 1.150 [19.6 x 29.2]
212.0
86.0
2.21
89.0
820.0
U673D827F050GJ1C
0.770 x 1.650 [19.6 x 41.9]
50.0
44.0
3.57
47.0
1200.0
U673D128F050GL1C
0.770 x 2.150 [19.6 x 54.6]
74.0
32.0
4.70
35.0
1500.0
U673D158F050GP1C
0.770 x 2.650 [19.6 x 67.3]
56.0
25.0
5.83
28.0
1800.0
U673D188F050GS1C
0.770 x 3.150 [19.6 x 80.0]
44.0
20.0
7.00
23.0
2200.0
U673D228F050GT1C
0.770 x 3.650 [19.6 x 92.7]
37.7
17.7
8.00
21.0
560.0
U673D567F050HE1C
0.895 x 1.150 [22.7 x 29.2]
145.0
59.0
2.87
62.0
1200.0
U673D128F050HJ1C
0.895 x 1.650 [22.7 x 41.9]
76.0
34.0
4.46
37.0
1800.0
U673D188F050HL1C
0.895 x 2.150 [22.7 x 54.6]
50.0
23.3
6.02
26.0
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz


Similar Part No. - U673D109F6R3HL1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D109F6R3HL1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com