Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFCP2010 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VFCP2010
Description  Ultra High Precision Z-Foil Flip Chip Resistor with TCR of ± 0.05 ppm/°C, 35 % Space Saving versus Wraparound Design and PCR of 5 ppm at Rated Power
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VFCP2010 Datasheet(HTML) 3 Page - Vishay Siliconix

  VFCP2010 Datasheet HTML 1Page - Vishay Siliconix VFCP2010 Datasheet HTML 2Page - Vishay Siliconix VFCP2010 Datasheet HTML 3Page - Vishay Siliconix VFCP2010 Datasheet HTML 4Page - Vishay Siliconix VFCP2010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 63106
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 28-Jun-07
3
VFCP Series (0805, 1206, 1506, 2010, 2512) (Z-Foil)
Ultra High Precision Z-Foil Flip Chip Resistor with TCR
of ± 0.05 ppm/°C, 35 % Space Saving versus
Wraparound Design and PCR of 5 ppm at Rated Power
Vishay Foil Resistors
Note
1. Land Pattern Dimensions are per IPC-782
Note
• The TCR values for < 100
Ω are influenced by the termination
composition and result in deviation from this curve
TABLE 6 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
CHIP
SIZE
L
W
THICKNESS
D
Z1)
G1)
X1)
± 0.005 (0.13)
± 0.005 (0.13)
MAXIMUM
± 0.005 (0.13)
MAXIMUM
MINIMUM
MAXIMUM
0805
0.079 (2.01)
0.049 (1.24)
0.025 (0.64)
0.010 (0.25)
0.078 (1.98)
0.053 (1.35)
0.049 (1.24)
1206
0.126 (3.20)
0.062 (1.57)
0.025 (0.64)
0.015 (0.38)
0.125 (3.18)
0.090 (2.29)
0.062 (1.57)
1506
0.150 (3.81)
0.062 (1.57)
0.025 (0.64)
0.012 (0.30)
0.150 (3.81)
0.120 (3.05)
0.062 (1.57)
2010
0.200 (5.08)
0.100 (2.54)
0.025 (0.64)
0.020 (0.51)
0.199 (5.05)
0.153 (3.89)
0.100 (2.54)
2512
0.250 (6.35)
0.126 (3.20)
0.025 (0.64)
0.024 (0.61)
0.250 (6.35)
0.196 (4.98)
0.126 (3.20)
D
W
L
L - 0.005 (0.13)
W1 [W - 0.003"]
Solder Terminals
BOTTOM VIEW (showing terminals for mounting)
LAND PATTERN
G
Z
X
FIGURE 3 - CHIP CONFIGURATION
Protective Coating
High Purity Alumina Substrate
Resistive
Bulk® Metal Foil
Solder
FIGURE 4 - TYPICAL TCR CURVE Z-FOIL
(For more details, see Table 1)
+ 500
+ 200
+ 100
0
- 100
- 200
- 300
- 500
- 55
- 25
+ 25
+ 60
+ 75
+ 100
+ 125
Ambient Temperature (°C)
ΔR
R
(ppm)
0
0.05 ppm/°C
- 0.1 ppm/°C
0.1 ppm/°C
0.14 ppm/°C
0.2 ppm/°C
- 0.16 ppm/°C
- 400
+ 300
+ 400


Similar Part No. - VFCP2010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP201010K000TCR0.2ABT VISHAY-VFCP201010K000TCR0.2ABT Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP201010K000TCR0.2ABW VISHAY-VFCP201010K000TCR0.2ABW Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP201010K000TCR0.2AST VISHAY-VFCP201010K000TCR0.2AST Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP201010K000TCR0.2ASW VISHAY-VFCP201010K000TCR0.2ASW Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VFCP201010K000TCR0.2BBT VISHAY-VFCP201010K000TCR0.2BBT Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
More results

Similar Description - VFCP2010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VFCP VISHAY-VFCP_V01 Datasheet
231Kb / 5P
   Ultra High-Precision Z-Foil Flip Chip Resistor with TCR of ±0.05 ppm/°C, 35% Space Saving vs. Wraparound Design and PCR of 5 ppm at Rated Power
04-Nov-2013
VSA101 VISHAY-VSA101 Datasheet
120Kb / 5P
   Ultra High Precision Axial Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power
Revision: 03-Nov-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
VSMP VISHAY-VSMP Datasheet
138Kb / 4P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at
Revision: 18-Sep-08
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VCS232Z VISHAY-VCS232Z_08 Datasheet
113Kb / 4P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of 짹 0.05 ppm/째C,PCR of 5ppm at Rated Power and Tolerance of 짹0.02%
Revision: 16-Apr-07
VCS1625Z VISHAY-VCS1625Z Datasheet
122Kb / 4P
   Ultra High Precision Z-Foil Surface Mount Current Sensing Chip Resistors with TCR of 짹 0.05 ppm/째C and Power Coefficient of 5 ppm at Rated Power
Revision: 25-Feb-08
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
VPR221SZ VISHAY-VPR221SZ Datasheet
118Kb / 5P
   Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 11-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com