Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T40HFL10S10 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T40HFL10S10
Description  Fast Recovery Diodes, 40/70/85 A (T-Modules)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL10S10 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T40HFL10S10 Datasheet HTML 3Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 4Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 5Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 6Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 7Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 8Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 9Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 10Page - Vishay Siliconix T40HFL10S10 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Document Number: 93184
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 13-Feb-08
7
T..HFL Series
Fast Recovery Diodes,
40/70/85 A (T-Modules)
Vishay High Power Products
Fig. 19 - Recovery Time Characteristics
Fig. 20 - Recovery Charge Characteristics
Fig. 21 - Recovery Current Characteristics
Fig. 22 - Recovery Time Characteristics
Fig. 23 - Recovery Charge Characteristics
Fig. 24 - Recovery Current Characteristics
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0
0
1
0
1
100A
220A
172A
50A
Ra te Of Fa ll Of Forwa rd Current - di/ d t (A/ µs)
I
= 300A
FM
T40HFL..S02
T70HFL..S02
T = 125 °C
J
1
2
3
4
5
6
7
8
10 20 30 40 50 60 70 80 90 100
100A
220A
172A
50A
Ra te Of Fa ll Of Forward Current - d i/ d t (A/ µs)
I
= 300A
FM
T40HFL..S02
T70HFL..S02
T = 125 °C
J
4
6
8
10
12
14
16
18
20
10 20 30 40 50 60 70 80 90 100
100A
220A
172A
50A
Ra te Of Fa ll Of Forward Current - d i/ d t (A/ µs)
I
= 300A
T40HFL..S02
T70HFL..S02
T = 125 °C
FM
J
0.6
0.7
0.8
0.9
1
1.1
0
0
1
0
1
100A
220A
172A
50A
Ra te Of Fa ll Of Fo rwa rd Current - di/ dt (A/ µs)
I
= 300A
FM
T40HFL..S05
T70HFL..S05
T = 125 °C
J
4
6
8
10
12
14
16
18
20
10 20 30 40 50 60 70 80 90 100
Ra te Of Fa ll Of Forward Current - di/ d t (A/ µs)
220A
172A
100A
50A
I
= 300A
FM
T40HFL..S05
T70HFL..S05
T = 125 °C
J
6
8
10
12
14
16
18
20
22
24
26
28
10 20 30 40 50 60 70 80 90 100
220A
172A
100A
50A
Ra te Of Fa ll Of Forward Current - d i/ d t (A/ µs)
I
= 300A
FM
T40HFL..S05
T70HFL..S05
T = 125 °C
J


Similar Part No. - T40HFL10S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T40HFL10S10 IRF-T40HFL10S10 Datasheet
219Kb / 13P
   FAST RECOVERY DIODES
logo
Vishay Siliconix
T40HFL10S10 VISHAY-T40HFL10S10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
More results

Similar Description - T40HFL10S10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
01-Jan-2022
T40HFL VISHAY-T40HFL_V01 Datasheet
427Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
12-Mar-12
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
   Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
Revision: 19-May-10
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
   Fast Recovery Diodes (Stud Version), 40/70/85 A
Revision: 16-May-08
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 02-Mar-17
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
   Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
01-Jan-2022
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
   Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
Revision: 25-May-09
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com