Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA45A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SA45A
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SA45A Datasheet(HTML) 4 Page - Vishay Siliconix

  SA45A Datasheet HTML 1Page - Vishay Siliconix SA45A Datasheet HTML 2Page - Vishay Siliconix SA45A Datasheet HTML 3Page - Vishay Siliconix SA45A Datasheet HTML 4Page - Vishay Siliconix SA45A Datasheet HTML 5Page - Vishay Siliconix SA45A Datasheet HTML 6Page - Vishay Siliconix SA45A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SA5.0 thru SA170CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88378
Revision: 21-Oct-08
4
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SA5.0A-E3/54
0.432
54
4000
13" diameter paper tape and reel
SA5.0AHE3/54 (1)
0.432
54
4000
13" diameter paper tape and reel
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
0.1
1.0
10
30
td - Pulse Width
t
d
t
d
t
d
Current Waveforms
Impulse
Exponential
Decay
Half Sine
Square
P
PK
”0.5”
P
PK
P
PK
t
d = 7 tp
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
Figure 3. Pulse Waveform
Figure 4. Maximum Non-Repetitive Forward Surge Current
Uni-Directional Only
100
50
0
t - Time (ms)
0
1.0
2.0
3.0
4.0
150
t
d
t
r = 10 µs
Peak Value
I
PPM
10/1000 µs Waveform
as defined by R.E.A.
Half Value -
I
PPM
I
PP
2
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
200
100
10
1
10
100
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave


Similar Part No. - SA45A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA45A TSC-SA45A Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA45A MOTOROLA-SA45A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Vishay Siliconix
SA45A VISHAY-SA45A Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Littelfuse
SA45A LITTELFUSE-SA45A Datasheet
126Kb / 4P
   Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
logo
JIEJIE MICROELECTRONICS...
SA45A JIEJIE-SA45A Datasheet
216Kb / 5P
   Low zener impedance
More results

Similar Description - SA45A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com