Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC3341 Datasheet(PDF) 2 Page - Transcom, Inc.

Part # TC3341
Description  3.3 - 3.7 GHz 2W MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCOM [Transcom, Inc.]
Direct Link  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC3341 Datasheet(HTML) 2 Page - Transcom, Inc.

  TC3341 Datasheet HTML 1Page - Transcom, Inc. TC3341 Datasheet HTML 2Page - Transcom, Inc. TC3341 Datasheet HTML 3Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC3341
REV2_20050418
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 2 / 3
Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min.
Max.
Units
Vdd
Drain-Source Voltage
12
Volts
Idd
Total Drain Current
2200
mA
Pin
RF Input Power
10
dBm
Pt
Power Dissipation
12
W
Tch
Operating Channel Temperature
175
°C
TSTG
Storage Temperature
-65
175
°C
Note:
1.This GaAs MMIC is susceptible to damage from Electrostatic
Discharge. Proper precautions should be used when handling
these devices.
2.Specifications subject to change without notice.
TEST CIRCUITS
Evaluation Board Schematic
EVALUATION BOARD
PCB Material: RO4003
ER = 3.38
Thickness = 20 mil
Unit: mil
* DXF file of the PCB can be downloaded from our
web-site at www.transcominc.com.tw
* Application Notes:
For better heat sinking and grounding, it's recommended
to have the via holes beneath TC3341 filled with solder
and have two screws installed on required heat sink plate
besides TC3341 on the PCB area.


Similar Part No. - TC3341

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TC334 MICROSEMI-TC334 Datasheet
1Mb / 4P
   Hex Inverter Gates
More results

Similar Description - TC3341

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC3331 TRANSCOM-TC3331 Datasheet
167Kb / 3P
   3.3 - 3.7 GHz 1W MMIC
logo
Johanson Technology Inc...
3600BP14M0600T JOHANSON-3600BP14M0600T Datasheet
114Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
3600BP14M0600 JOHANSON-3600BP14M0600 Datasheet
115Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
logo
List of Unclassifed Man...
TC3339 ETC1-TC3339 Datasheet
255Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
logo
Transcom, Inc.
TC3339 TRANSCOM-TC3339 Datasheet
257Kb / 4P
   2.9 - 3.7 GHz 1W MMIC
logo
List of Unclassifed Man...
TC3151 ETC-TC3151 Datasheet
108Kb / 3P
   2.4 GHz 2W MMIC
logo
Transcom, Inc.
TC3141 TRANSCOM-TC3141 Datasheet
89Kb / 3P
   2.4 GHz 2W MMIC
TC3143 TRANSCOM-TC3143 Datasheet
124Kb / 4P
   2.1 - 2.2 GHz 2W MMIC
logo
List of Unclassifed Man...
TC4541 ETC-TC4541 Datasheet
85Kb / 3P
   13.75 - 14.5 GHz 2W MMIC
logo
SIRENZA MICRODEVICES
SUF-5000 SIRENZA-SUF-5000 Datasheet
109Kb / 4P
   0.1-3.7 GHz, Cascadable pHEMT MMIC Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com