Electronic Components Datasheet Search |
|
U673D827F030GE1C Datasheet(PDF) 3 Page - Vishay Siliconix |
|
U673D827F030GE1C Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 13 page U673D and U674D Vishay Sprague Aluminum Capacitors + 105 °C, Tubular Radial Lead www.vishay.com For technical questions, contact: aluminumcaps4@vishay.com Document Number: 42057 434 Revision: 16-Jul-08 ORDERING EXAMPLE Electrolytic capacitor U673D and U674D series: U673D 228 F 6R3 GE 1 C DESCRIPTION CODE EXPLANATION U673D product type 228 capacitance value (2200 µF) F capacitance tolerance (F = - 10 %, + 50 %; H = - 10 %, + 100 %) 6R3 voltage rating at 105 °C (6R3 = 6.3 V) GE can size (see dimensions table) 1 sleeve and sealing (1 = p.v.c. sleeve) C terminal code (see available forms tables) STANDARD RATINGS in inches [millimeters] CAPACITANCE (µF) PART NUMBER NOMINAL CASE SIZE D x L MAX. ESR AT + 25 °C (m Ω) MAX. RIPPLE AT + 85 °C (A) MAX. Z AT 100 kHz (m Ω) 120 Hz 20 kHz to 40 kHz 20 kHz to 40 kHz 6.3 WVDC AT 105 °C, SURGE = 9 V 2200.0 U673D228F6R3GE1C 0.770 x 1.150 [19.6 x 29.2] 105.0 81.0 2.30 83.0 4700.0 U673D478F6R3GJ1C 0.770 x 1.650 [19.6 x 41.9] 53.0 41.0 3.70 43.0 6800.0 U673D688F6R3GL1C 0.770 x 2.150 [19.6 x 54.6] 36.0 28.0 4.95 30.0 8200.0 U673D828F6R3GP1C 0.770 x 2.650 [19.6 x 67.3] 28.0 22.7 6.11 25.0 10 000.0 U673D109F6R3GS1C 0.770 x 3.150 [19.6 x 80.0] 23.0 19.0 7.20 21.0 12 000.0 U673D129F6R3GT1C 0.770 x 3.650 [19.6 x 92.7] 21.0 17.0 8.14 19.0 3300.0 U673D338F6R3HE1C 0.895 x 1.150 [22.7 x 29.2] 74.0 58.0 3.00 60.0 6800.0 U673D688F6R3HJ1C 0.895 x 1.650 [22.7 x 41.9] 38.0 39.0 4.73 41.0 10 000.0 U673D109F6R3HL1C 0.895 x 2.150 [22.7 x 54.6] 27.0 22.0 6.20 24.0 15 000.0 U673D159F6R3HP1C 0.895 x 2.650 [22.7 x 67.3] 21.0 17.4 7.62 19.0 18 000.0 U673D189F6R3HS1C 0.895 x 3.150 [22.7 x 80.0] 18.0 15.0 8.83 17.0 22 000.0 U673D229F6R3HT1C 0.895 x 3.650 [22.7 x 92.7] 15.8 13.3 10.10 15.0 4700.0 U673D478F6R3JE1C 1.020 x 1.150 [25.9 x 29.2] 60.0 48.0 3.60 50.0 10 000.0 U673D109F6R3JJ1C 1.020 x 1.650 [25.9 x 41.9] 32.0 26.0 5.54 28.0 15 000.0 U673D159F6R3JL1C 1.020 x 2.150 [25.9 x 54.6] 22.6 18.8 7.30 21.0 18 000.0 U673D189F6R3JP1C 1.020 x 2.650 [25.9 x 67.3] 18.0 15.2 8.81 17.0 22 000.0 U673D229F6R3JS1C 1.020 x 3.150 [25.9 x 80.0] 15.4 13.0 10.20 14.0 27 000.0 U673D279F6R3JT1C 1.020 x 3.650 [25.9 x 92.7] 13.4 11.5 11.60 13.0 7.5 WVDC AT 105 °C, SURGE = 10 V 1800.0 U673D188F7R5GE1C 0.770 x 1.150 [19.6 x 29.2] 110.0 82.0 2.30 84.0 3900.0 U673D398F7R5GJ1C 0.770 x 1.650 [19.6 x 41.9] 55.0 41.0 3.70 52.0 5600.0 U673D568F7R5GL1C 0.770 x 2.150 [19.6 x 54.6] 38.0 29.0 4.93 31.0 8200.0 U673D828F7R5GP1C 0.770 x 2.650 [19.6 x 67.3] 29.5 22.8 6.10 25.0 10 000.0 U673D109F7R5GS1C 0.770 x 3.150 [19.6 x 80.0] 25.8 20.0 7.04 22.0 12 000.0 U673D129F7R5GT1C 0.770 x 3.650 [19.6 x 92.7] 22.0 17.4 8.06 19.0 3300.0 U673D338F7R5HE1C 0.895 x 1.150 [22.7 x 29.2] 76.0 58.4 2.97 61.0 5600.0 U673D568F7R5HJ1C 0.895 x 1.650 [22.7 x 41.9] 39.5 30.6 4.72 33.0 8200.0 U673D828F7R5HL1C 0.895 x 2.150 [22.7 x 54.6] 27.7 21.8 6.23 24.0 12 000.0 U673D129F7R5HP1C 0.895 x 2.650 [22.7 x 67.3] 22.0 17.6 7.58 20.0 15 000.0 U673D159F7R5HS1C 0.895 x 3.150 [22.7 x 80.0] 18.7 15.0 8.82 17.0 18 000.0 U673D189F7R5HT1C 0.895 x 3.650 [22.7 x 92.7] 16.4 13.5 9.97 15.0 3900.0 U673D398F7R5JE1C 1.020 x 1.150 [25.9 x 29.2] 62.0 48.0 3.55 50.0 8200.0 U673D828F7R5JJ1C 1.020 x 1.650 [25.9 x 41.9] 32.0 25.9 5.56 28.0 12 000.0 U673D129F7R5JL1C 1.020 x 2.150 [25.9 x 54.6] 23.5 19.0 7.22 21.0 18 000.0 U673D189F7R5JP1C 1.020 x 2.650 [25.9 x 67.3] 18.3 15.0 8.83 17.0 22 000.0 U673D229F7R5JS1C 1.020 x 3.150 [25.9 x 80.0] 15.8 13.0 10.20 15.0 27 000.0 U673D279F7R5JT1C 1.020 x 3.650 [25.9 x 92.7] 13.8 11.6 11.60 13.0 |
Similar Part No. - U673D827F030GE1C |
|
Similar Description - U673D827F030GE1C |