Electronic Components Datasheet Search |
|
T98V227M020CZA Datasheet(PDF) 3 Page - Vishay Siliconix |
|
T98V227M020CZA Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page Document Number: 40119 For technical questions, contact: tantalum@vishay.com www.vishay.com Revision: 25-Jun-08 3 T98 TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated Vishay Sprague Notes: • All ratings are preliminary, contact marketing for availability * Contact factory for availability (1) Capacitance Tolerance: K, M (2) Termination and Packaging: C, E, H, L (3) Reliability Level: A, B, S, Z (4) Surge Current: A, B, S CAPACITANCE (µF) CASE CODE PART NUMBER* MAX. DCL at + 25 °C (µA) MAX. DF at + 25 °C 120 Hz (%) (PRELIMINARY) MAX. ESR at + 25 °C 100 kHz (m Ω) MAX. RIPPLE 100 kHz IRMS (A) 20 WVDC at + 85 °C, SURGE = 26 V . . . 13 WVDC at + 125 °C, SURGE = 16 V 220 R T98R227(1)020(2)(3)(4) 44 8 110 1.8 330 F T98F337(1)020(2)(3)(4)* 66 10 130 1.4 25 WVDC at + 85 °C, SURGE = 32 V . . . 17 WVDC at + 125 °C, SURGE = 20 V 68 R T98R686(1)025(2)(3)(4) 17 6 130 1.6 150 F T98F157(1)025(2)(3)(4) 38 8 110 1.8 35 WVDC at + 85 °C, SURGE = 46 V . . . 23 WVDC at + 125 °C, SURGE = 28 V 47 R T98R476(1)035(2)(3)(4) 17 6 110 1.8 50 WVDC at + 85 °C, SURGE = 65 V . . . 33 WVDC at + 125 °C, SURGE = 38 V 15 E T98E156(1)050(2)(3)(4) 8 6 330 0.8 15 R T98R156(1)050(2)(3)(4) 8 6 280 1.0 22 R T98R226(1)050(2)(3)(4) 11 6 200 0.8 33 F T98F336(1)050(2)(3)(4) 17 6 180 0.8 47 Z T98Z476(1)050(2)(3)(4)* 24 6 175 1.1 63 WVDC at + 85 °C, SURGE = 81 V . . . 42 WVDC at + 125 °C, SURGE = 54 V 22 F T98F226(1)063(2)(3)(4)* 14 6 230 0.9 STANDARD RATINGS |
Similar Part No. - T98V227M020CZA |
|
Similar Description - T98V227M020CZA |