Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U673D128F050GL1C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # U673D128F050GL1C
Description  Aluminum Capacitors 105 °C, Tubular Radial Lead
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

U673D128F050GL1C Datasheet(HTML) 5 Page - Vishay Siliconix

  U673D128F050GL1C Datasheet HTML 1Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 2Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 3Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 4Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 5Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 6Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 7Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 8Page - Vishay Siliconix U673D128F050GL1C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
U673D and U674D
Vishay Sprague
Aluminum Capacitors
+ 105 °C, Tubular Radial Lead
www.vishay.com
For technical questions, contact: aluminumcaps4@vishay.com
Document Number: 42057
436
Revision: 16-Jul-08
16 WVDC AT 105 °C, SURGE = 20 V
8200.0
U673D828F016HP1C
0.895 x 2.650 [22.7 x 67.3]
24.7
17.9
7.51
20.0
10 000.0
U673D109F016HS1C
0.895 x 3.150 [22.7 x 80.0]
20.7
15.2
8.79
18.0
12 000.0
U673D129F016HT1C
0.895 x 3.650 [22.7 x 92.7]
18.0
13.6
9.93
17.0
2700.0
U673D278F016JE1C
1.020 x 1.150 [25.9 x 29.2]
71.0
50.0
3.49
52.0
5600.0
U673D568F016JJ1C
1.020 x 1.650 [25.9 x 41.9]
36.7
26.7
5.48
29.0
8200.0
U673D828F016JL1C
1.020 x 2.150 [25.9 x 54.6]
26.0
19.2
7.18
22.0
12 000.0
U673D129F016JP1C
1.020 x 2.650 [25.9 x 67.3]
20.5
15.4
8.75
19.0
15 000.0
U673D159F016JS1C
1.020 x 3.150 [25.9 x 80.0]
17.4
13.3
10.20
17.0
18 000.0
U673D189F016JT1C
1.020 x 3.650 [25.9 x 92.7]
15.3
11.8
11.50
17.0
20 WVDC AT + 105 °C, SURGE = 30 V
1000.0
U673D108F020GE1C
0.770 x 1.150 [19.6 x 29.2]
140.0
84.0
2.16
87.0
1800.0
U673D188F020GJ1C
0.770 x 1.650 [19.6 x 41.9]
67.0
44.0
3.56
47.0
2700.0
U673D278F020GL1C
0.770 x 2.150 [19.6 x 54.6]
45.0
30.0
4.81
33.0
3900.0
U673D398F020GP1C
0.770 x 2.650 [19.6 x 67.3]
34.9
23.9
6.96
27.0
4700.0
U673D478F020GS1C
0.770 x 3.150 [19.6 x 80.0]
28.7
19.9
7.05
24.0
5600.0
U673D568F020GT1C
0.770 x 3.650 [19.6 x 92.7]
24.6
17.0
8.09
21.0
1500.0
U673D158F020HE1C
0.895 x 1.150 [22.7 x 29.2]
94.0
59.0
2.86
62.0
3300.0
U673D338F020HJ1C
0.895 x 1.650 [22.7 x 41.9]
46.9
32.0
4.60
35.0
4700.0
U673D478F020HL1C
0.895 x 2.150 [22.7 x 54.6]
32.0
22.7
6.10
26.0
6800.0
U673D688F020HP1C
0.895 x 2.650 [22.7 x 67.3]
25.0
18.0
7.49
21.0
8200.0
U673D828F020HS1C
0.895 x 3.150 [22.7 x 80.0]
21.0
15.3
8.77
19.0
10 000.0
U673D109F020HT1C
0.895 x 3.650 [22.7 x 92.7]
18.0
13.6
9.93
18.0
2200.0
U673D228F020JE1C
1.020 x 1.150 [25.9 x 29.2]
72.0
49.0
3.48
52.0
4700.0
U673D478F020JJ1C
1.020 x 1.650 [25.9 x 41.9]
37.0
26.0
5.47
29.0
6800.0
U673D688F020JL1C
1.020 x 2.150 [25.9 x 54.6]
26.0
19.3
7.16
23.0
8200.0
U673D828F020JP1C
1.020 x 2.650 [25.9 x 67.3]
20.7
15.5
8.72
19.0
10 000.0
U673D109F020JS1C
1.020 x 3.150 [25.9 x 80.0]
17.9
13.6
10.10
18.0
12 000.0
U673D129F020JT1C
1.020 x 3.650 [25.9 x 92.7]
15.8
12.0
11.40
16.0
25 WVDC AT + 105 °C, SURGE = 35 V
820.0
U673D827F025GE1C
0.770 x 1.150 [19.6 x 29.2]
143.0
85.0
2.23
88.0
1500.0
U673D158F025GJ1C
0.770 x 1.650 [19.6 x 41.9]
73.0
44.0
3.56
47.0
2200.0
U673D228F025GL1C
0.770 x 2.150 [19.6 x 54.6]
49.0
30.5
4.82
33.0
3300.0
U673D338F025GP1C
0.770 x 2.650 [19.6 x 67.3]
37.0
23.9
5.96
27.0
3900.0
U673D398F025GS1C
0.770 x 3.150 [19.6 x 80.0]
31.0
20.0
7.00
23.0
4700.0
U673D478F025GT1C
0.770 x 3.650 [19.6 x 92.7]
26.7
17.5
8.04
21.0
1200.0
U673D128F025HE1C
0.895 x 1.150 [22.7 x 29.2]
101.0
62.9
2.86
66.0
2700.0
U673D278F025HJ1C
0.895 x 1.650 [22.7 x 41.9]
50.0
32.0
4.61
35.0
3900.0
U673D398F025HL1C
0.895 x 2.150 [22.7 x 54.6]
35.0
22.9
6.08
26.0
4700.0
U673D478F025HP1C
0.895 x 2.650 [22.7 x 67.3]
27.0
18.0
7.47
21.0
6800.0
U673D688F025HS1C
0.895 x 3.150 [22.7 x 80.0]
22.7
15.4
8.74
19.0
8200.0
U673D828F025HT1C
0.895 x 3.650 [22.7 x 92.7]
19.6
13.6
9.93
17.0
1800.0
U673D188F025JE1C
1.020 x 1.150 [25.9 x 29.2]
79.0
51.0
3.45
53.0
3900.0
U673D398F025JJ1C
1.020 x 1.650 [25.9 x 41.9]
40.0
26.9
5.46
30.0
5600.0
U673D568F025JL1C
1.020 x 2.150 [25.9 x 54.6]
28.0
19.0
7.14
22.0
6800.0
U673D688F025JP1C
1.020 x 2.650 [25.9 x 67.3]
22.0
15.7
8.66
19.0
8200.0
U673D828F025JS1C
1.020 x 3.150 [25.9 x 80.0]
18.7
13.5
10.10
17.0
10 000.0
U673D109F025JT1C
1.020 x 3.650 [25.9 x 92.7]
16.4
12.0
11.40
15.0
STANDARD RATINGS in inches [millimeters]
CAPACITANCE
(µF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR
AT + 25 °C (m
Ω)
MAX. RIPPLE
AT + 85 °C (A)
MAX. Z
AT 100 kHz
(m
Ω)
120 Hz
20 kHz to 40 kHz
20 kHz to 40 kHz


Similar Part No. - U673D128F050GL1C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U67-27-14 FERROXCUBE-U67-27-14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14 FERROXCUBE-U67/27/14 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C81 FERROXCUBE-U67/27/14-3C81 Datasheet
41Kb / 3P
   U, I cores and accessories
U67/27/14-3C91 FERROXCUBE-U67/27/14-3C91 Datasheet
41Kb / 3P
   U, I cores and accessories
logo
Renesas Technology Corp
U67A RENESAS-U67A Datasheet
577Kb / 73P
   MOS INTEGRATED CIRCUIT
2000
More results

Similar Description - U673D128F050GL1C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
601D VISHAY-601D_13 Datasheet
112Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 26-Apr-13
601D VISHAY-601D_V01 Datasheet
115Kb / 9P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
19-Mar-18
601D VISHAY-601D Datasheet
43Kb / 2P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 17-Nov-06
601D VISHAY-601D_08 Datasheet
148Kb / 3P
   Aluminum Capacitors 105 °C, Tubular, Axial Lead
Revision: 10-Jul-08
672D VISHAY-672D Datasheet
116Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 22-May-13
678D VISHAY-678D Datasheet
105Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
Revision: 23-May-13
672D VISHAY-672D_V01 Datasheet
121Kb / 8P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
678D VISHAY-678D_V01 Datasheet
109Kb / 6P
   Aluminum Capacitors 105 °C, Miniature, Radial Lead
18-Jul-16
517D VISHAY-517D_12 Datasheet
98Kb / 8P
   Aluminum Capacitors 105 °C, General Purpose Miniature, Radial Lead
Revision: 13-Apr-12
logo
Illinois Capacitor, Inc...
474KXM100M ILLINOISCAPACITOR-474KXM100M_13 Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com