Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6123F543ER Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6123F543ER
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6123F543ER Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6123F543ER Datasheet HTML 5Page - Torex Semiconductor XC6123F543ER Datasheet HTML 6Page - Torex Semiconductor XC6123F543ER Datasheet HTML 7Page - Torex Semiconductor XC6123F543ER Datasheet HTML 8Page - Torex Semiconductor XC6123F543ER Datasheet HTML 9Page - Torex Semiconductor XC6123F543ER Datasheet HTML 10Page - Torex Semiconductor XC6123F543ER Datasheet HTML 11Page - Torex Semiconductor XC6123F543ER Datasheet HTML 12Page - Torex Semiconductor XC6123F543ER Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
XC6121/XC6122/XC6123/XC6124
Series
■OPERATIONAL EXPLANATION
The XC6121/6122/6123/6124 series compare, using the error amplifier, the voltage of the internal voltage reference source
with the voltage divided by R1, R2 and R3 connected to the VIN pin. The resulting output signal from the error amplifier
activates the watchdog logic, delay circuit and the output driver. When the VIN pin voltage gradually falls and finally reaches
the detect voltage, the RESETB pin output goes from high to low in the case of the VDFL type ICs.
<RESETB / RESET Pin Output Signal>
* VDFL (RESETB) type - output signal: Low when detected.
The RESETB pin output goes from high to low whenever the VIN pin voltage falls below the detect voltage. The RESETB pin
remains low for the release delay time (TDR) after the VIN pin voltage reaches the release voltage. If neither rising nor falling
signals are applied to the WD pin within the watchdog timeout period, the RESETB pin output remains low for the release
delay time (TDR), and thereafter the RESET pin outputs high level signal.
<Hysteresis>
When the internal comparator output is high, the NMOS transistor connected in parallel to R3 is turned ON, activating the
hysteresis circuit. The difference between the release and detect voltages represents the hysteresis width, as shown by the
following calculations:
VDFL (detect voltage) = (R1+R2+R3) x Vref / (R2+R3)
VDR (release voltage) = (R1+R2) x Vref / (R2)
VHYS (hysteresis width) =VDR-VDFL (V)
VDR > VDFL
* Please refer to the block diagrams for R1, R2, R3 and Vref.
* Hysteresis width is selectable from VDFL x 0.05V (TYP.).
<Watchdog (WD) Pin>
The series use a watchdog timer to detect malfunction or “runaway” of the microprocessor. If neither rising nor falling signals
are applied from the microprocessor within the watchdog timeout period, the RESETB pin output maintains the detection state
for the release delay time (TDR), and thereafter the RESETB pin outputs low to high signal. The watchdog pin is pulled down
to the VSS internally. When the watchdog pin is not connected, A reset signal comes out after the watchdog timeout period.
Six watchdog timeout period settings (TWD) are available in 1.6s, 800ms, 400ms, 200ms, 100ms, and 50ms.
<EN Pin>
In case where the watchdog function is not used, When the EN pin input driven to low level, only the watchdog function is
forced off while the detect voltage circuit remains operation. For using the watchdog function, the EN pin should be used in
high level. Even after the input voltage and the EN pin voltage are driven back high, the RESETB pin output maintains the
detection state for the release delay time (TDR). (Refer to the TIMING CHART 1-①.) The watchdog function recovers
immediately when the input voltage becomes higher than the release voltage and the EN pin voltage driven from low to high
level. (Refer to the TIMING CHART 1-②.) A diode, which is an input protection element, is connected between the EN pin
and VIN pin. Therefore, if the EN pin is applied voltage that exceeds VIN, the current will flow to VIN through the diode. For
avoiding any damage to the IC, please use this IC within the stated maximum ratings (VSS -0.3 ~ VIN +0.3) on the EN pin.
<ENB Pin>
In case where the watchdog function is not used, when the ENB pin input driven to high level, only the watchdog function is
forced off while the detect voltage circuit remains operation. For using the watchdog function, the ENB pin should be used in
low level. Even after the input voltage and the ENB pin voltage are driven back low, the RESETB pin output maintains the
detection state for the release delay time (TDR). (Refer to the TIMING CHART 2-①.) The watchdog function recovers
immediately when the input voltage becomes higher than the release voltage and the ENB pin voltage driven from high to low
level. (Refer to the TIMING CHART 2-②.) A diode, which is an input protection element, is connected between the ENB pin
and VIN pin. Therefore, if the ENB pin is applied voltage that exceeds VIN, the current will flow to VIN through the diode. For
avoiding any damage to the IC, please use this IC within the stated maximum ratings (VSS -0.3 ~ VIN +0.3) on the ENB pin.
<Release Delay Time>
Release delay time (TDR) is the time that elapses from when the VIN pin reaches the release voltage, or when the watchdog
timeout period expires with no rising signal applied to the WD pin, until the RESETB pin output is released from the detection
state. Five release delay time (TDR) watchdog timeout period settings are available in 400ms, 200ms, 100ms, 50ms, and
3.13ms.
<Detect Delay Time>
Detect Delay Time (TDF) is the time that elapses from when the VIN pin voltage falls to the detect voltage until the RESETB pin
output goes into the detection state.


Similar Part No. - XC6123F543ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6123 TOREX-XC6123 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6123 TOREX-XC6123 Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6123A216ER TOREX-XC6123A216ER Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6123A216MR TOREX-XC6123A216MR Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6123A216MR-G TOREX-XC6123A216MR-G Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results

Similar Description - XC6123F543ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com