Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL081BC Datasheet(PDF) 7 Page - STMicroelectronics

Part # TL081BC
Description  GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL081BC Datasheet(HTML) 7 Page - STMicroelectronics

  TL081BC Datasheet HTML 1Page - STMicroelectronics TL081BC Datasheet HTML 2Page - STMicroelectronics TL081BC Datasheet HTML 3Page - STMicroelectronics TL081BC Datasheet HTML 4Page - STMicroelectronics TL081BC Datasheet HTML 5Page - STMicroelectronics TL081BC Datasheet HTML 6Page - STMicroelectronics TL081BC Datasheet HTML 7Page - STMicroelectronics TL081BC Datasheet HTML 8Page - STMicroelectronics TL081BC Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
-
e
I
TL081
eo
C
L= 100pF
R= 2k
L
Figure 1 : Voltage Follower
PARAMETER MEASUREMENT INFORMATION
-
e
I
TL08 1
R
L
C
L
= 100pF
1k
10k
eo
Figure 2 : Gain-of-10 Inverting Amplifier
-
TL0 81
1k
R
F = 100k
9.1k
3.3k
+15V
-15V
3.3 k
C= 3.3
µF
F
f=
osc
1
F
2x R
F
C
TYPICAL APPLICATIONS
(0.5Hz) SQUARE WAVE OSCILLATOR
TL081
-
R1
R2
C3
R3
C2
C1
C1 = C2 =
C3
2
= 100pF
R1 = R2 = 2R3 = 1. 5M
f=
o
1
= 1kHz
1
2x R
1
C
HIGH Q NOTCH FILTER
TL081 - TL081A - TL081B
7/9


Similar Part No. - TL081BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL081BCD TI-TL081BCD Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081BCD TI-TL081BCD Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081BCD TI-TL081BCD Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081BCD TI-TL081BCD Datasheet
4Mb / 70P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
TL081BCD TI-TL081BCD Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL081BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL082 UTC-TL082_09 Datasheet
300Kb / 9P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_15 Datasheet
334Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
TL082 UTC-TL082_18 Datasheet
241Kb / 7P
   GENERAL PURPOSE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL084 UMW-TL084 Datasheet
599Kb / 4P
   General J-FET quad operational amplifier
logo
STMicroelectronics
TL084 STMICROELECTRONICS-TL084_01 Datasheet
313Kb / 12P
   GENERAL PURPOSE J-FET QUAD OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082 Datasheet
108Kb / 11P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
TL082 STMICROELECTRONICS-TL082_07 Datasheet
322Kb / 17P
   GENERAL PURPOSE J-FET DUAL OPERATIONAL AMPLIFIERS
MC33004 STMICROELECTRONICS-MC33004 Datasheet
596Kb / 10P
   GENERAL PURPOSE QUAD J FET OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
   General J-FET input dual operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com