Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95Z107K010EZAS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T95Z107K010EZAS
Description  Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95Z107K010EZAS Datasheet(HTML) 4 Page - Vishay Siliconix

  T95Z107K010EZAS Datasheet HTML 1Page - Vishay Siliconix T95Z107K010EZAS Datasheet HTML 2Page - Vishay Siliconix T95Z107K010EZAS Datasheet HTML 3Page - Vishay Siliconix T95Z107K010EZAS Datasheet HTML 4Page - Vishay Siliconix T95Z107K010EZAS Datasheet HTML 5Page - Vishay Siliconix T95Z107K010EZAS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
T95
Vishay Sprague
Solid Tantalum Chip Capacitors
TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40081
152
Revision: 23-Jan-08
Notes:
(1) Capacitance Tolerance: K, M
(2) Termination and Packaging: C, E, H, L
(3) Reliability Level: A, S, Z
(4) Surge Current: A, B, S
(5) ESR: L, S
(6) Reliability Level: A, B, S, Z
STANDARD/EXTENDED RATINGS
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
120 Hz
(%)
STD.(S)
MAX. ESR
AT + 25 °C
100 kHz (
Ω)
LOW (L)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
16 WVDC AT + 85 °C, SURGE = 20 V . . . 10 WVDC AT + 125 °C, SURGE = 12 V
2.2
S
T95S225(1)016(2)(3)(4)L
0.5
6
N/A
3.500
3.3
S
T95S335(1)016(2)(3)(4)L
0.5
6
N/A
2.500
4.7
V
T95V475(1)016(2)(3)(4)L
0.8
6
N/A
2.000
6.8
X
T95X685(1)016(2)(3)(4)L
1.1
6
N/A
1.500
6.8
A
T95A685(1)016(2)(6)(4)(5)
1.1
6
2.800
1.330
10
X
T95X106(1)016(2)(3)(4)L
1.6
6
N/A
1.500
15
B
T95B156(1)016(2)(3)(4)(5)
2.4
6
0.750
0.550
15
Y
T95Y156(1)016(2)(3)(4)L
2.4
6
N/A
0.600
22
Z
T95Z226(1)016(2)(3)(4)L
3.5
6
N/A
0.400
33
Z
T95Z336(1)016(2)(3)(4)L
5.3
6
N/A
0.400
68
R
T95R686(1)016(2)(3)(4)(5)
10.9
6
0.600
0.095
100
C
T95C107(1)016(2)(3)(4)(5)
16.0
8
0.600
0.090
100
D
T95D107(1)016(2)(6)(4)(5)
16.0
8
0.140
0.080
150
D
T95D157(1)016(2)(3)(4)(5)
24.0
8
0.140
0.085
180
R
T95R187(1)016(2)(3)(4)(5)
28.8
8
0.130
0.055
220
R
T95R227(1)016(2)(3)(4)(5)
35.2
8
0.120
0.055
330
R
T95R337(1)016(2)(6)(4)(5)
52.8
14
0.110
0.055
20 WVDC AT + 85 °C, SURGE = 26 V . . . 13 WVDC AT + 125 °C, SURGE = 16 V
1.5
S
T95S155(1)020(2)(3)(4)L
0.5
6
N/A
3.500
2.2
S
T95S225(1)020(2)(3)(4)L
0.5
6
N/A
3.500
3.3
V
T95V335(1)020(2)(3)(4)L
0.7
6
N/A
3.000
4.7
X
T95X475(1)020(2)(3)(4)L
0.9
6
N/A
1.500
6.8
X
T95X685(1)020(2)(3)(4)L
1.4
6
N/A
1.500
10
Y
T95Y106(1)020(2)(3)(4)L
2.0
6
N/A
1.000
15
Z
T95Z156(1)020(2)(3)(4)L
3.0
6
N/A
0.600
22
Z
T95Z226(1)020(2)(3)(4)L
4.4
6
N/A
0.400
47
D
T95D476(1)020(2)(6)(4)(5)
9.4
6
0.190
0.095
47
R
T95R476(1)020(2)(3)(4)L
9.4
6
0.200
0.110
100
R
T95R107(1)020(2)(6)(4)S
20.0
8
0.140
N/A
120
R
T95R127(1)020(2)(3)(4)(5)
24.0
8
0.140
0.080
150
R
T95R157(1)020(2)(3)(4)(5)
30.0
8
0.140
0.075
25 WVDC AT + 85 °C, SURGE = 32 V . . . 17 WVDC AT + 125 °C, SURGE = 20 V
0.68
S
T95S684(1)025(2)(3)(4)L
0.5
4
N/A
5.000
1
S
T95S105(1)025(2)(3)(4)L
0.5
4
N/A
3.500
1.5
S
T95S155(1)025(2)(3)(4)L
0.5
6
N/A
3.500
2.2
V
T95V225(1)025(2)(3)(4)L
0.6
6
N/A
2.000
3.3
X
T95X335(1)025(2)(3)(4)L
0.8
6
N/A
1.500
4.7
X
T95X475(1)025(2)(3)(4)L
1.2
6
N/A
1.500
6.8
Y
T95Y685(1)025(2)(3)(4)L
1.7
6
N/A
1.000
10
C
T95C106(1)025(2)(3)(4)(5)
2.5
6
0.570
0.280
10
Y
T95Y106(1)025(2)(3)(4)L
2.5
6
N/A
1.000
15
Z
T95Z156(1)025(2)(3)(4)L
3.8
6
N/A
0.600
33
D
T95D336(1)025(2)(3)(4)(5)
8.3
6
0.260
0.130
33
R
T95R336(1)025(2)(3)(4)(5)
8.3
6
0.250
0.130
68
D
T95D686(1)025(2)(6)(4)(5)
17.0
6
0.260
0.150
68
R
T95R686(1)025(2)(3)(4)(5)
17.0
6
0.200
0.095
100
R
T95R107(1)025(2)(3)(4)S
25
8
0.200
0.090


Similar Part No. - T95Z107K010EZAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95Z107K004CAAL VISHAY-T95Z107K004CAAL Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
More results

Similar Description - T95Z107K010EZAS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
195D106X9035Z2T VISHAY-195D106X9035Z2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
195D226X0035R2T VISHAY-195D226X0035R2T Datasheet
126Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
194D475X0050H2B VISHAY-194D475X0050H2B Datasheet
93Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT®, Conformal Coated
Revision: 08-Feb-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com